Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMI15/4 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # KMI15/4
Description  Rotational speed sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI15/4 Datasheet(HTML) 4 Page - NXP Semiconductors

  KMI15/4 Datasheet HTML 1Page - NXP Semiconductors KMI15/4 Datasheet HTML 2Page - NXP Semiconductors KMI15/4 Datasheet HTML 3Page - NXP Semiconductors KMI15/4 Datasheet HTML 4Page - NXP Semiconductors KMI15/4 Datasheet HTML 5Page - NXP Semiconductors KMI15/4 Datasheet HTML 6Page - NXP Semiconductors KMI15/4 Datasheet HTML 7Page - NXP Semiconductors KMI15/4 Datasheet HTML 8Page - NXP Semiconductors KMI15/4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2000 Sep 05
4
Philips Semiconductors
Product specification
Rotational speed sensor
KMI15/4
FUNCTIONAL DESCRIPTION
The KMI15/4 sensor is sensitive to the motion of ferrous
gear wheels or reference marks. The functional principle is
shown in Fig.3. Due to the effect of flux bending, the
different directions of magnetic field lines in the
magnetoresistive sensor element will cause an electrical
signal. Because of the chosen sensor orientation and the
direction of ferrite magnetization, the KMI15/4 is sensitive
to movement in the ‘y’ direction in front of the sensor only
(see Fig.2).
The magnetoresistive sensor element signal is amplified,
temperature compensated and passed to a Schmitt-trigger
in the conditioning integrated circuit (Figs 4 and 5).
The digital output signal level (see Fig.6) is at a fixed level
independent of the sensing distance. A (2-wire) output
current enables safe sensor signal transport to the
detecting circuit (see Fig.7). The integrated circuit housing
is separated from the sensor element housing to optimize
the sensor behaviour at high temperatures.
The strength of the magnetic field caused by the
Ferroxdure 100 magnet in the different sensor directions,
measured at the centre of the magnetoresistive bridge, is
typically: Hx = 7 kA/m (auxiliary field) and Hz = 17 kA/m
(perpendicular to the sensor surface). Hy is zero due to the
trimming process.
Fig.2 Component detail of the KMI15/4.
handbook, halfpage
y
z
xx
IC
sensor
magnet with
direction of
magnetization
MBH779
Fig.3 Functional principle.
handbook, full pagewidth
gear wheel
magnet
magnetic
field lines
(a)
(b)
(c)
direction
of
motion
(d)
MRA957
sensor
y
z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com