Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMI15/4 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # KMI15/4
Description  Rotational speed sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI15/4 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button KMI15/4 Datasheet HTML 3Page - NXP Semiconductors KMI15/4 Datasheet HTML 4Page - NXP Semiconductors KMI15/4 Datasheet HTML 5Page - NXP Semiconductors KMI15/4 Datasheet HTML 6Page - NXP Semiconductors KMI15/4 Datasheet HTML 7Page - NXP Semiconductors KMI15/4 Datasheet HTML 8Page - NXP Semiconductors KMI15/4 Datasheet HTML 9Page - NXP Semiconductors KMI15/4 Datasheet HTML 10Page - NXP Semiconductors KMI15/4 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2000 Sep 05
7
Philips Semiconductors
Product specification
Rotational speed sensor
KMI15/4
Mounting conditions
The recommended sensor position in front of a gear wheel
is shown in Fig.15. Distance ‘d’ is measured between the
sensor front and the tip of a gear wheel tooth. The KMI15/4
senses ferrous indicators like gear wheels in the
± y
direction only (no rotational symmetry of the sensor); see
Fig.2. The effect of incorrect mounting positions on
sensing distance is shown in Figs 11, 12 and 13.
The symmetrical reference axis of the sensor corresponds
to the axis of the ferrite magnet.
Environmental conditions
Due to eddy current effects the sensing distance depends
on the tooth frequency (see Fig.17). The influence of gear
wheel module on the sensing distance is shown in Fig.16.
Gear Wheel Dimensions
Note
1. For conversion from ASA to DIN: m = 25.4 mm/DP;
p = 25.4 mm
× CP.
SYMBOL
DESCRIPTION
UNIT
German DIN
z
number of teeth
d
diameter
mm
m
module m = d/z
mm
p
pitch p =
π× mmm
ASA; note1
PD
pitch diameter (d in inch)
inch
DP
diametric pitch DP = z/PD
inch−1
CP
circular pitch CP =
π/DP
inch
Fig.10 Gear wheel dimensions.
handbook, halfpage
pitch
pitch
diameter
MRA964
pitch = module
×π
module
pitch diameter
number of teeth
------------------------------------------
=
Fig.11 Sensing distance as a function of positional
tolerance in the y-axis; typical values.
VCC = 12 V; ft = 2 kHz; module = 2 mm; pitch diameter = 100 mm.
handbook, halfpage
1
2
4
3
01
2
3
4
0
d
(mm)
MBD840
d
y (mm)
y
f t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com