Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC778FDH Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 7Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 8Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 9Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 10Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 11Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 12Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 13Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 14Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
I/O port values at reset are determined by the PRHI bit in the UCFG1 configuration byte.
[2]
The PCON reset value is xxBOF POF - 0000b. The BOF and POF flags are not affected by reset. The POF flag is set by hardware upon power up. The BOF flag is set by the
occurrence of a brownout reset/interrupt and upon power up.
[3]
The WDCON reset value is xx11 0000b for a Watchdog reset, xx01 0000b for all other reset causes if the Watchdog is enabled, and xx00 0000b for all other reset causes if the
Watchdog is disabled.
Bit address
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0h
CY
AC
F0
RS1
RS0
OV
F1
P
00H
PT0AD
Port 0 digital input disable
F6h
00H
Bit address
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial port control
98h
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00H
SBUF
Serial port data buffer register
99h
xxh
SADDR
Serial port address register
A9h
00H
SADEN
Serial port address enable
B9h
00H
SP
Stack pointer
81h
07h
Bit address
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer0 and 1 control
88h
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00H
TH0
Timer0 HIGH
8Ch
00H
TH1
Timer1 HIGH
8Dh
00H
TL0
Timer0 LOW
8Ah
00H
TL1
Timer1 LOW
8Bh
00H
TMOD
Timer0 and 1 mode
89h
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00H
WDCON Watchdog control register
A7h
-
-
WDOVF
WDRUN
WDCLK
WDS2
WDS1
WDS0
[3]
WDRST
Watchdog reset register
A6h
xxh
Table 3:
Special function registers…continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset
value
MSB
LSB
Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com