Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC778FDH Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 10Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 11Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 12Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 13Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 14Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 15Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 16Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 17Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
14 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.4 A/D timing
The A/D may be clocked in one of two ways. The default is to use the CPU clock as
the A/D clock source. When used in this manner, the A/D completes a conversion in
31 machine cycles. The A/D may be operated up to the maximum CPU clock rate of
20 MHz, giving a conversion time of 9.3
µs. The formula for calculating A/D
conversion time when the CPU clock runs the A/D is: 186
µs / CPU clock rate
(in MHz). To obtain accurate A/D conversion results, the CPU clock must be at least
1 MHz.
The A/D may also be clocked by the on-chip RC oscillator, even if the RC oscillator is
not used as the CPU clock. This is accomplished by setting the RCCLK bit in
ADCON. This arrangement has several advantages. First, the A/D conversion time is
faster at lower CPU clock rates. Also, the CPU may be run at speeds below 1 MHz
without affecting A/D accuracy. Finally, the Power-down mode may be used to
completely shut down the CPU and its oscillator, along with other peripheral
functions, in order to obtain the best possible A/D accuracy.
When the A/D is operated from the RCCLK while the CPU is running from another
clock source, 3 or 4 machine cycles are used to synchronize A/D operation. The time
can range from a minimum of 3 machine cycles (at the CPU clock rate) + 108 RC
clocks to a maximum of 4 machine cycles (at the CPU clock rate) + 112 RC clocks.
Example A/D conversion times at various CPU clock rates are shown in Table 8. In
the table, maximum times for RCCLK = 1 use an RC clock frequency of 6 MHz.
Minimum times for RCCLK = 1 use an RC clock frequency of. Nominal time assume
an ideal RC clock frequency of 6 MHz and an average of 3.5 machine cycles at the
CPU clock rate.
Table 6:
ADCON - ADCI, ADCS A/D status
ADCI, ADCS
A/D status
0 0
A/D not busy, a conversion can be started
0 1
A/D busy, the start of a new conversion is blocked.
1 0
An A/D conversion is complete. ADCI must be cleared prior to starting a
new conversion.
1 1
An A/D conversion is complete. ADCI must be cleared prior to starting a
new conversion. This state exists for one machine cycle as an A/D
conversion is completed.
Table 7:
ADCON - AADR1, AADR0 A/D input selection
AADR1, AADR0
A/D input selected
0 0
AD0 (P0.3)
0 1
AD1 (P0.4)
1 0
AD2 (P0.5)
1 1
AD3 (P0.6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com