Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9408 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89LPC9408
Description  8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9408 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89LPC9408 Datasheet HTML 9Page - NXP Semiconductors P89LPC9408 Datasheet HTML 10Page - NXP Semiconductors P89LPC9408 Datasheet HTML 11Page - NXP Semiconductors P89LPC9408 Datasheet HTML 12Page - NXP Semiconductors P89LPC9408 Datasheet HTML 13Page - NXP Semiconductors P89LPC9408 Datasheet HTML 14Page - NXP Semiconductors P89LPC9408 Datasheet HTML 15Page - NXP Semiconductors P89LPC9408 Datasheet HTML 16Page - NXP Semiconductors P89LPC9408 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
ICRAL
Input capture A
register low
AAH
00
0000 0000
ICRBH
Input capture B
register high
AFH
00
0000 0000
ICRBL
Input capture B
register low
AEH
00
0000 0000
Bit address
AF
AE
AD
AC
AB
AA
A9
A8
IEN0*
Interrupt enable 0
A8H
EA
EWDRT
EBO
ES/ESR
ET1
EX1
ET0
EX0
00
0000 0000
Bit address
EF
EE
ED
EC
EB
EA
E9
E8
IEN1*
Interrupt enable 1
E8H
EIEE
EST
-
ECCU
ESPI
EC
EKBI
EI2C
00 [2]
00x0 0000
IEN2
Interrupt enable 2
D5H
------
EADC
-
00 [2]
00x0 0000
Bit address
BF
BE
BD
BC
BB
BA
B9
B8
IP0*
Interrupt priority 0
B8H
-
PWDRT
PBO
PS/PSR
PT1
PX1
PT0
PX0
00 [2]
x000 0000
IP0H
Interrupt priority 0
high
B7H
-
PWDRTH
PBOH
PSH/
PSRH
PT1H
PX1H
PT0H
PX0H
00 [2]
x000 0000
Bit address
FF
FE
FD
FC
FB
FA
F9
F8
IP1*
Interrupt priority 1
F8H
PADEE
PST
-
PCCU
PSPI
PC
PKBI
PI2C
00 [2]
00x0 0000
IP1H
Interrupt priority 1
high
F7H
PADEEH
PSTH
-
PCCUH
PSPIH
PCH
PKBIH
PI2CH
00 [2]
00x0 0000
IP2
Interrupt priority 2
D6H
------
PADC
-
00 [2]
00x0 0000
IP2H
Interrupt priority 2
high
D7H
------
PADCH
-
00 [2]
00x0 0000
KBCON
Keypad control
register
94H
------
PATN
_SEL
KBIF
00 [2]
xxxx xx00
KBMASK
Keypad interrupt
mask register
86H
00
0000 0000
KBPATN
Keypad pattern
register
FF
1111 1111
OCRAH
Output compare A
register high
EFH
00
0000 0000
OCRAL
Output compare A
register low
EEH
00
0000 0000
Table 4:
Special function registers …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com