Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9408 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89LPC9408
Description  8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9408 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89LPC9408 Datasheet HTML 17Page - NXP Semiconductors P89LPC9408 Datasheet HTML 18Page - NXP Semiconductors P89LPC9408 Datasheet HTML 19Page - NXP Semiconductors P89LPC9408 Datasheet HTML 20Page - NXP Semiconductors P89LPC9408 Datasheet HTML 21Page - NXP Semiconductors P89LPC9408 Datasheet HTML 22Page - NXP Semiconductors P89LPC9408 Datasheet HTML 23Page - NXP Semiconductors P89LPC9408 Datasheet HTML 24Page - NXP Semiconductors P89LPC9408 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
P89LPC9408_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 16 December 2005
21 of 69
Philips Semiconductors
P89LPC9408
8-bit two-clock 80C51 core with 32 segment
× 4 LCD driver, 10-bit ADC
7.7 CPU Clock (CCLK) wake-up delay
The P89LPC9408 has an internal wake-up timer that delays the clock until it stabilizes
depending on the clock source used. If the clock source is any of the three crystal
selections (low, medium and high frequencies) the delay is 992 OSCCLK cycles plus
60
µsto100 µs. If the clock source is either the internal RC oscillator, watchdog oscillator,
or external clock, the delay is 224 OSCCLK cycles plus 60
µsto100 µs.
7.8 CCLK modification: DIVM register
The OSCCLK frequency can be divided down up to 510 times by configuring a dividing
register, DIVM, to generate CCLK. This feature makes it possible to temporarily run the
CPU at a lower rate, reducing power consumption. By dividing the clock, the CPU can
retain the ability to respond to events that would not exit Idle mode by executing its normal
program at a lower rate. This can also allow bypassing the oscillator start-up time in cases
where Power-down mode would otherwise be used. The value of DIVM may be changed
by the program at any time without interrupting code execution.
7.9 Low power select
The P89LPC9408 is designed to run at 18 MHz (CCLK) maximum. However, if CCLK is
8 MHz or slower, the CLKLP SFR bit (AUXR1.7) can be set to logic 1 to lower the power
consumption further. On any reset, CLKLP is logic 0 allowing highest performance
access. This bit can then be set in software if CCLK is running at 8 MHz or slower.
Fig 6.
Block diagram of oscillator control
÷2
002aab102
RTC
ADC0
CPU
WDT
DIVM
CCLK
UART
OSCCLK
I2C-BUS
PCLK
TIMER 0 AND
TIMER 1
HIGH FREQUENCY
MEDIUM FREQUENCY
LOW FREQUENCY
XTAL1
XTAL2
RC
OSCILLATOR
WATCHDOG
OSCILLATOR
(7.3728 MHz
± 1 %)
PCLK
RCCLK
SPI
CCU
32
× PLL
(400 kHz
+30 % −20 %)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com