Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F525PCX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F525PCX
Description  Programmable Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F525PCX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  74F525PCX Datasheet HTML 1Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 2Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 3Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 4Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 5Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 6Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 7Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 8Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Functional Description (Continued)
Function Table
M2
M1
M0
Function
0
0
0
Mode 0
0
0
1
Mode 1
0
1
0
Mode 2
0
1
1
Mode 3
1
0
0
Mode 4
1
0
1
Mode 5
1
1
0
Mode 6
1
1
1
Mode 7
MODE 4 Interval Timer Pulse Output with Count Hold
While XTR is HIGH the data in the data latches is loaded
into the counter upon the next positive edge of CP The
negative edge of XTR enables the count-down to begin with
the next positive edge of CP When the count reaches zero
Q normally low is brought HIGH for a single period of CP
Q2 toggles state on the positive edge of Q Taking XTR
HIGH before the counters reach zero stops the count-down
from the point where it was held Data cannot be reloaded
into the counter until a count of zero is reached See
Figure
3
MODE 5 Interval Timer Inverted Pulse Output with
Count Hold
The operation is exactly the same as Mode 4 except that Q
is normally HIGH and goes LOW for a single period of CP
Q2 toggles on the negative-edge of Q See
Figure 3
MODE 6 Retriggerable Synchronous One-Shot
When XTR is HIGH the data in the data latches is loaded
into the counter upon the positive edge of CP The negative
edge of XTR enables the count-down to begin with the next
positive edge of CP wehre Q normally LOW is then
brought HIGH and the counter is decremented when the
count reaches zero Q is brought LOW and Q2 is toggled
Bringing XTR HIGH during the count-down will allow the
data in the data latches to be loaded into the counter with
the next positive edge of CP but will not affect Q See
Fig-
ure 4 NOTE that the pulse width of Q will be N-1 clock
cycles where N is the number loaded into the counter
Ne1 should not be used as this may cause unpredictable
results
MODE 7 Frequency Generator
When XTR is HIGH the data in the data latches is loaded
into the counter upon the positive edge of CP The negative
edge of XTR enables the count-down to begin with the next
positive edge of CP When the count reaches zero Q nor-
mally LOW is brought HIGH for a single period of CP and
Q2 is toggled The same clock edge that brings Q HIGH
also loads the data in the data latches into the counter The
counter will start to count on the next positive edge of CP
This mode will run continuously after an initial XTR until
stopped by MR Taking XTR HIGH at any time causes the
data in the data latches to be loaded into the counter and Q
output to be cleared with the next positive edge of CP See
Figure 5
Block Diagram
TLF9547 – 4
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com