Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F525PCX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F525PCX
Description  Programmable Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F525PCX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F525PCX Datasheet HTML 1Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 2Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 3Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 4Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 5Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 6Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 7Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 8Page - National Semiconductor (TI) 74F525PCX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9547
August 1995
74F525
Programmable Counter
General Description
The ’F525 is a multi-function 28-pin device It consists of a
16-bit count-down counter logic to control the counter logic
to control the state of the outputs and a PLA to decode the
particular function selected by the user The list of high-
speed timing applications include
Features
Y
Baud rate generator
Y
Digitally programmed monostable
Y
Variable system frequency generator
Y
Digital filter variable sampling rate
Y
16-bit data path
Y
External trigger
Y
Extremely accurate one shot wpulse widths from
50 ns to 327 ms
CP e 40 MHz
Commercial
Package
Package Description
Number
74F525QC (Note 1)
V28A
28-Lead Molded Plastic Leaded Chip Carrier
74F525SC (Note 1)
M28B
28-Lead (0300 Wide) Molded Small Outline JEDEC
74F525PC
N28B
28-Lead (0600 Wide) Molded Dual-In-Line Package
Note 1
Devices also available in 13
reel Use suffix e SCX and QCX
Connection Diagrams
Pin Assignment
DIP and SOIC
TLF9547 – 2
Pin Assignment
for PCC
TLF9547 – 3
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 74F525PCX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
8-bit identity comparator
1990 May 15
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
8-Bit Identity Comparator
logo
National Semiconductor ...
74F521MSA NSC-74F521MSA Datasheet
165Kb / 8P
8-Bit Identity Comparator
logo
Fairchild Semiconductor
74F521MSA FAIRCHILD-74F521MSA Datasheet
82Kb / 8P
8-Bit Identity Comparator
logo
National Semiconductor ...
74F521PC NSC-74F521PC Datasheet
165Kb / 8P
8-Bit Identity Comparator
More results

Similar Description - 74F525PCX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4059 PHILIPS-74HC4059 Datasheet
147Kb / 20P
Programmable divide-by-n counter
1998 Jul 08
HEF4059B PHILIPS-HEF4059B Datasheet
58Kb / 6P
Programmable divide-by-n counter
January 1995
logo
Toshiba Semiconductor
TC9198P TOSHIBA-TC9198P Datasheet
347Kb / 8P
PROGRAMMABLE COUNTER
logo
List of Unclassifed Man...
C8254 ETC-C8254 Datasheet
290Kb / 6P
PROGRAMMABLE TIMER /COUNTER MEGAFUNCTION
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
PROGRAMMABLE TIMER / COUNTER
logo
National Semiconductor ...
LM2240 NSC-LM2240 Datasheet
190Kb / 10P
Programmable Timer/Counter
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP_07 Datasheet
746Kb / 14P
Dual BCD Programmable Down Counter
logo
List of Unclassifed Man...
TC9122P ETC2-TC9122P Datasheet
405Kb / 4P
HIGH-SPEED BCD PROGRAMMABLE COUNTER
HEF4059BT-652 ETC2-HEF4059BT-652 Datasheet
61Kb / 6P
Programmable divide-by-n counter
CT-SERIES ETC-CT-SERIES Datasheet
891Kb / 28P
programmable counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com