Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP255 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BSP255
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP255 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BSP255 Datasheet HTML 2Page - NXP Semiconductors BSP255 Datasheet HTML 3Page - NXP Semiconductors BSP255 Datasheet HTML 4Page - NXP Semiconductors BSP255 Datasheet HTML 5Page - NXP Semiconductors BSP255 Datasheet HTML 6Page - NXP Semiconductors BSP255 Datasheet HTML 7Page - NXP Semiconductors BSP255 Datasheet HTML 8Page - NXP Semiconductors BSP255 Datasheet HTML 9Page - NXP Semiconductors BSP255 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1996 Aug 05
7
Philips Semiconductors
Product specification
P-channel enhancement mode
vertical D-MOS transistor
BSP255
Fig.9
Drain source on-state resistance as a function
of gate-source voltage; typical values.
VDS ≥ ID × RDSon; Tj =25 °C.
(1)
ID = −10 mA.
(2)
ID = −50 mA.
(3)
ID = −80 mA.
(4)
ID = −160 mA.
(5)
ID = −325 mA.
handbook, halfpage
−10
VGS (V)
0
MBH437
102
10
−2
−4
−6
RDSon
(
Ω)
−8
(1)
(2)
(3)
(4)
(5)
Fig.10 Capacitance as a function of drain-source
voltage; typical values.
VGS = 0; f = 1 MHz; Tj =25 °C.
handbook, halfpage
0
120
160
80
40
0
−10
−20
−50
−40
−30
MBH442
C
(pF)
VDS (V)
Crss
Ciss
Coss
Fig.11 Switching time test circuit and input and output waveforms.
handbook, full pagewidth
MGD391
10 %
90 %
Vin
Vout
td(on)
ton
toff
tr
tf
td(off)
10 %
90 %
10 %
90 %
0
0
−VDD
RL
Vout
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com