Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP255 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSP255
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP255 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSP255 Datasheet HTML 1Page - NXP Semiconductors BSP255 Datasheet HTML 2Page - NXP Semiconductors BSP255 Datasheet HTML 3Page - NXP Semiconductors BSP255 Datasheet HTML 4Page - NXP Semiconductors BSP255 Datasheet HTML 5Page - NXP Semiconductors BSP255 Datasheet HTML 6Page - NXP Semiconductors BSP255 Datasheet HTML 7Page - NXP Semiconductors BSP255 Datasheet HTML 8Page - NXP Semiconductors BSP255 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1996 Aug 05
3
Philips Semiconductors
Product specification
P-channel enhancement mode
vertical D-MOS transistor
BSP255
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Ts is the temperature at the soldering point of the drain lead.
2. Pulse width and duty cycle limited by maximum junction temperature.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−−300
V
VGS
gate-source voltage (DC)
−±20
V
ID
drain current (DC)
Ts = 100 °C; note 1
−−325
mA
IDM
peak drain current
note 2
−−1.3
A
Ptot
total power dissipation
Ts = 100 °C
−
4W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−65
+150
°C
Source-drain diode
IS
source current (DC)
Ts = 100 °C
−−0.5
A
ISM
peak pulsed source current
note 2
−−2A
Fig.2 Power derating curve.
handbook, halfpage
0
200
10
0
2
4
6
8
MBH446
50
100
150
Ptot
(W)
Ts (
oC)
δ = 0.01; TS = 100 °C.
(1) RDSon limitation.
Fig.3 DC SOAR.
handbook, halfpage
MBH445
−1
−10
−1
−10−1
−10−2
−10−3
−102
−103
−10
VDS (V)
t p
T
P
t
t p
T
δ =
1 ms
100
µs
10 ms
DC
(1)
tp =
10
µs
ID
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com