Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9516AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9516AD
Description  5-channel I2C hub
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9516AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9516AD Datasheet HTML 2Page - NXP Semiconductors PCA9516AD Datasheet HTML 3Page - NXP Semiconductors PCA9516AD Datasheet HTML 4Page - NXP Semiconductors PCA9516AD Datasheet HTML 5Page - NXP Semiconductors PCA9516AD Datasheet HTML 6Page - NXP Semiconductors PCA9516AD Datasheet HTML 7Page - NXP Semiconductors PCA9516AD Datasheet HTML 8Page - NXP Semiconductors PCA9516AD Datasheet HTML 9Page - NXP Semiconductors PCA9516AD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
Product data sheet
PCA9516A
5-channel I2C hub
2004 Sep 29
6
In order to illustrate what would be seen in a typical application,
refer to Figures 5 and 6. If the bus master in Figure 4 were to write
to the slave through the PCA9516A, we would see the waveform
shown in Figure 5 on Bus 0. This looks like a normal I2C
transmission until the falling edge of the 8th clock pulse. At that
point, the master releases the data line (SDA) while the slave pulls it
LOW through the PCA9516A. Because the VOL of the PCA9516A is
typically around 0.5 V, a step in the SDA will be seen. After the
master has transmitted the 9th clock pulse, the slave releases the
data line.
On the Bus 1 side of the PCA9516A, the clock and data lines would
have a positive offset from ground equal to the VOL of the
PCA9516A. After the 8th clock pulse, the data line will be pulled to
the VOL of the slave device that is very close to ground in our
example.
It is important to note that any arbitration or clock stretching events
on Bus 1 require that the VOL of the devices on Bus 1 be 70 mV
below the VOL of the PCA9516A (see VOL – Vilc in the DC
Characteristics section) to be recognized by the PCA9516A and
then transmitted to Bus 0.
9th CLOCK PULSE
VOL OF MASTER
VOL OF PCA9516A
2 V/DIV
SW02250
Figure 5. Bus 0 waveform
9th CLOCK PULSE
VOL OF SLAVE
VOL OF PCA9516A
2 V/DIV
SW02251
Figure 6. Bus 1 waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com