Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9516AD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9516AD
Description  5-channel I2C hub
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9516AD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9516AD Datasheet HTML 4Page - NXP Semiconductors PCA9516AD Datasheet HTML 5Page - NXP Semiconductors PCA9516AD Datasheet HTML 6Page - NXP Semiconductors PCA9516AD Datasheet HTML 7Page - NXP Semiconductors PCA9516AD Datasheet HTML 8Page - NXP Semiconductors PCA9516AD Datasheet HTML 9Page - NXP Semiconductors PCA9516AD Datasheet HTML 10Page - NXP Semiconductors PCA9516AD Datasheet HTML 11Page - NXP Semiconductors PCA9516AD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product data sheet
PCA9516A
5-channel I2C hub
2004 Sep 29
8
DC ELECTRICAL CHARACTERISTICS
VCC = 2.3 V to 2.7 V; GND = 0 V; Tamb = –40 °C to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.2
MAX.
UNIT
Supplies
VCC
DC supply voltage
2.3
—
2.7
V
ICCH
Quiescent supply current,
both channels HIGH
VCC = 2.7 V;
SDAn = SCLn = VCC
—
2.1
5
mA
ICCL
Quiescent supply current,
both channels LOW
VCC = 2.7 V;
one SDA and one SCL = GND,
other SDA and SCL open
—
4.6
10
mA
ICCLc
Quiescent supply current in contention
VCC = 2.7 V;
SDAn = SCLn = GND
—
3.9
10
mA
Input SCL; input/output SDA
VIH
HIGH-level input voltage
0.7 VCC
—
5.5
V
VIL
LOW-level input voltage (Note 1)
–0.5
—
0.3 VCC
V
VILc
LOW-level input voltage contention
(Note 1)
–0.5
—
0.4
V
VIK
Input clamp voltage
II = –18 mA
—
—
–1.2
V
ILI
Input leakage current
VI = 2.7 V
–1
—
1
µA
IIL
Input current LOW, SDA, SCL
VI = 0.2 V, SDA, SCL
—
—
5
µA
VOL
LOW-level output voltage
IOL = 0 or 6 mA
0.47
0.52
0.6
V
VOL–VILc
LOW-level input voltage below
output LOW-level voltage
Guaranteed by design
—
—
70
mV
CI
Input capacitance
VI = 3 V or 0 V
—
6
10
pF
Enable 1–4
VIL
LOW-level input voltage
–0.5
—
0.8
V
VIH
HIGH-level input voltage
1.5
—
5.5
V
IIL
Input current LOW, EN1–EN4
VI = 0.2 V, EN1–EN4
—
–10
–30
µA
ILI
Input leakage current
–1
—
1
µA
CI
Input capacitance
VI = 3.0 V or 0 V
—
6
7
pF
NOTES:
1. VIL specification is for the first LOW level seen by the SDAx/SCLx lines. VILc is for the second and subsequent LOW levels seen by the
SDAx/SCLx lines.
2. Typical value taken at 2.5 V and 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com