Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7233 Datasheet(PDF) 7 Page - LSI Computer Systems

Part # LS7233
Description  TOUCH CONTROL LAMP DIMMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7233 Datasheet(HTML) 7 Page - LSI Computer Systems

  LS7233 Datasheet HTML 1Page - LSI Computer Systems LS7233 Datasheet HTML 2Page - LSI Computer Systems LS7233 Datasheet HTML 3Page - LSI Computer Systems LS7233 Datasheet HTML 4Page - LSI Computer Systems LS7233 Datasheet HTML 5Page - LSI Computer Systems LS7233 Datasheet HTML 6Page - LSI Computer Systems LS7233 Datasheet HTML 7Page - LSI Computer Systems LS7233 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EXTN
2K
Ω ,1/4W
IN914
TOUCH PLATE
*R
200K
Ω ,1/4W
MPS8599
FIGURE 6.
ELECTRONIC EXTENSION
*R
P
*R = 2M
Ω ,1/4W for 115VAC
*R = 3.6M
Ω ,1/4W for 220VAC
VSS
VDD
DOZE
SWITCH
FIGURE 7.
DOZE CIRCUIT
3.3M
,1/4W
+
-
3.3M
,1/4W
10µF
SENS
DZ
U1-1
U1-2
U1-3
DZ
U1 = CD4093
EXTENSIONS:
All switching and dimming functions can also be implemented by utilizing the EXT input. This can be
done by either a mechanical switch or the electronic switch in conjunction with a Touch Plate as shown in
Figure 6. When the plate is touched, a logic high level is generated at the EXT input of the IC for both
half- cycles of the line frequency. (See Figure 5)
DOZE CIRCUIT:
The DOZE circuit shown in Figure 7 generates a slow clock (0.04Hz) at the DZ terminal. If the Touch Plate
(Figure 5) is not touched, the SENS terminal of the DOZE circuit of Figure 7 sits at a logic high level. A mo-
mentary pressing of the DOZE switch sets the SR flip-flop, enabling the oscillator. Every negative transition
of the clock (DZ terminal) causes the light intensity to be reduced by equal increments, until eventually the
light is shut off. The oscillator has no further effect on the dimmer circuit. When the light is turned on again
by touching theTouch Plate, the SR flip-flop is reset and the DZ clock is turned off.
When the DOZE circuit is used, the connection between DOZE input (Pin 2) and VSS (Pin 1) as shown in
Figure 5, should be removed.
.
7231-4-041195-7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com