Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7233 Datasheet(PDF) 8 Page - LSI Computer Systems

Part # LS7233
Description  TOUCH CONTROL LAMP DIMMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7233 Datasheet(HTML) 8 Page - LSI Computer Systems

  LS7233 Datasheet HTML 1Page - LSI Computer Systems LS7233 Datasheet HTML 2Page - LSI Computer Systems LS7233 Datasheet HTML 3Page - LSI Computer Systems LS7233 Datasheet HTML 4Page - LSI Computer Systems LS7233 Datasheet HTML 5Page - LSI Computer Systems LS7233 Datasheet HTML 6Page - LSI Computer Systems LS7233 Datasheet HTML 7Page - LSI Computer Systems LS7233 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
115VAC
OR
220VAC
C1
T1
L
C2
R1
R2
R3
C5
D1
1
2
3
4
8
7
6
5
C3
C4
TRIG V DD EXT SENS
V SS DOZE CAP SYNC
+
LS7231-4
G
MT2
MT1
Z1
-
R4
OUT
TO
LAMP
AC ON-OFF SWITCH
PUSHBUTTON
SWITCH
FIGURE 8. A SWITCH-OPERATED LAMP DIMMER
(SEE NOTE
)
NOTE: Operation is independent of Line Plug Polarity
C1 = 0.15µF, 200V
C1 = 0.15µF, 400V
C2 = 0.22µF, 200V
C2 = 0.1µF, 400V
C3 = 0.047µF, 25V
C3 = 0.047µF, 25V
C4 = 470pF, 25V
C4 = 470pF, 25V
C5 = 47µF, 25V
C5 = 47µF, 25V
R1 = 270
Ω, 1/4W
R1 = 1K
Ω, 1/4W
R2 = 1.5M
Ω, 1/4W
R2 = 1.5M
Ω, 1/4W
R3 = 100
Ω, 1/4W
R3 = 100
Ω, 1/4W
R4 = 1M
Ω, 1/4W
R4 = 1M
Ω, 1/4W
D1 = IN4148
D1 = IN4148
Z1 = 15V, 1W (Zener)
Z1 = 15V, 1W (Zener)
T1 = Q4008L4 (Typical)
T1 = Q5004L4 (Typical)
L
= 100µH (RFI Filter)
L
= 200µH (RFI Filter)
115V
220V
7231-4-032995-8
APPLICATIONS:
1. Foot-Switch Dimmer for large floor lamps.
2. Hand-Switch Dimmer for end-table lamps.
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com