Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124EM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTC124EM
Description  NPN resistor-equipped transistors; R1 = 22 k-ohm, R2 = 22 k-ohm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC124EM Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTC124EM Datasheet HTML 1Page - NXP Semiconductors PDTC124EM Datasheet HTML 2Page - NXP Semiconductors PDTC124EM Datasheet HTML 3Page - NXP Semiconductors PDTC124EM Datasheet HTML 4Page - NXP Semiconductors PDTC124EM Datasheet HTML 5Page - NXP Semiconductors PDTC124EM Datasheet HTML 6Page - NXP Semiconductors PDTC124EM Datasheet HTML 7Page - NXP Semiconductors PDTC124EM Datasheet HTML 8Page - NXP Semiconductors PDTC124EM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
Product specification
Supersedes data of 2003 Apr 14
2004 Aug 17
DISCRETE SEMICONDUCTORS
PDTC124E series
NPN resistor-equipped transistors;
R1 = 22 k
Ω, R2 = 22 kΩ


Similar Part No. - PDTC124EM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC124EM NXP-PDTC124EM Datasheet
181Kb / 14P
NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC124EM NEXPERIA-PDTC124EM Datasheet
230Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
27 October 2022
PDTC124EM NEXPERIA-PDTC124EM Datasheet
1Mb / 18P
PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 25 November 2011
PDTC124EMB NEXPERIA-PDTC124EMB Datasheet
840Kb / 12P
NPN resistor-equipped transistor; R1 = 22 k廓, R2 = 22 k廓
More results

Similar Description - PDTC124EM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC123E PHILIPS-PDTC123E Datasheet
91Kb / 14P
NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
2004 Aug 06
PDTC123Y PHILIPS-PDTC123Y Datasheet
79Kb / 11P
NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 10 k-ohm
Rev. 03-24 March 2005
PDTC144W PHILIPS-PDTC144W Datasheet
92Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PEMB17 PHILIPS-PEMB17 Datasheet
59Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
Rev. 02-3 February 2005
PEMH20 PHILIPS-PEMH20 Datasheet
52Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
Rev. 03-14 February 2005
PDTC124E NXP-PDTC124E Datasheet
181Kb / 14P
NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 17
PEMD2_PIMD2_PUMD2 PHILIPS-PEMD2_PIMD2_PUMD2_15 Datasheet
991Kb / 18P
NPN/PNP resistor-equipped transistors; R1 = 22 k?? R2 = 22 k?
Rev. 8-14 November 2013
PEMH1_PUMH1 PHILIPS-PEMH1_PUMH1_15 Datasheet
629Kb / 14P
NPN/NPN resistor-equipped transistors R1 = 22 k?? R2 = 22 k?
Rev. 5-2 December 2011
logo
Nexperia B.V. All right...
PDTA124E_SER NEXPERIA-PDTA124E_SER Datasheet
1Mb / 18P
PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 25 November 2011
PEMD2 NEXPERIA-PEMD2_V01 Datasheet
1Mb / 19P
NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 14 November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com