Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5080-EVALZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5080-EVALZ
Description  Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5080-EVALZ Datasheet(HTML) 3 Page - Analog Devices

  ADRF5080-EVALZ Datasheet HTML 1Page - Analog Devices ADRF5080-EVALZ Datasheet HTML 2Page - Analog Devices ADRF5080-EVALZ Datasheet HTML 3Page - Analog Devices ADRF5080-EVALZ Datasheet HTML 4Page - Analog Devices ADRF5080-EVALZ Datasheet HTML 5Page - Analog Devices ADRF5080-EVALZ Datasheet HTML 6Page - Analog Devices ADRF5080-EVALZ Datasheet HTML 7Page - Analog Devices ADRF5080-EVALZ Datasheet HTML 8Page - Analog Devices ADRF5080-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
ADRF5080
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 15
Positive supply voltage (VDD) = 3.3 V, negative supply voltage (VSS) = −3.3 V, LS voltage (VLS), EN voltage (VEN), V1, V2, or V3 = 0 V or VDD,
and TCASE = 25°C, with a 50 Ω system, unless otherwise noted. RFx refers to RF1 to RF8, and VCTRL is the digital control inputs voltage of the
V1, V2, and V3 pins.
Table 1. Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
100
20,000
MHz
INSERTION LOSS
Between RFC and RFx (On)
100 MHz to 6 GHz
1.3
dB
6 GHz to 12 GHz
1.6
dB
12 GHz to 20 GHz
2.0
dB
ISOLATION
Between RFC and RFx
100 MHz to 6 GHz
50
dB
6 GHz to 12 GHz
50
dB
12 GHz to 20 GHz
44
dB
Between RFx and RFx
100 MHz to 6 GHz
46
dB
6 GHz to 12 GHz
45
dB
12 GHz to 20 GHz
40
dB
RETURN LOSS
RFC (On)
100 MHz to 6 GHz
20
dB
6 GHz to 12 GHz
18
dB
12 GHz to 20 GHz
18
dB
RFx (On)
100 MHz to 6 GHz
20
dB
6 GHz to 12 GHz
18
dB
12 GHz to 20 GHz
18
dB
SWITCHING CHARACTERISTICS
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RF output (RFOUT)
15
ns
On Time and Off Time
tON, tOFF
50% VCTRL to 90% of RFOUT
55
ns
RF Settling Time
0.1 dB
50% VCTRL to 0.1 dB of final RFOUT
100
ns
INPUT LINEARITY1
Compression Point
0.1 dB
P0.1dB
f = 100 MHz to 20 GHz
33
dBm
1 dB
P1dB
f = 100 MHz to 20 GHz
33.5
dBm
Third-Order Intercept
IIP3
Two tone input power = 15 dBm each tone, f = 100
MHz to 20 GHz, Δf = 1 MHz
55
dBm
SUPPLY CURRENT
VDD and VSS pins
Positive Supply Current
IDD
220
µA
Negative Supply Current
ISS
580
µA
DIGITAL CONTROL INPUTS
LS, EN, V1, V2, and V3 pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL
<1
µA
High
IINH
V1, V2, and V3 pins
<1
µA
EN and LS pins
33
µA
RECOMMENDED OPERATING CONDITONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com