Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5080-EVALZ Datasheet (PDF) - Analog Devices

ADRF5080-EVALZ Datasheet PDF - Analog Devices
Part # ADRF5080-EVALZ
Download  ADRF5080-EVALZ Download
File Size   2092.52 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz

ADRF5080-EVALZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5080-EVALZ Datasheet PDF - Analog Devices

Part # ADRF5080-EVALZ
Download  ADRF5080-EVALZ Click to download

File Size   2092.52 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz

ADRF5080-EVALZ Datasheet (HTML) - Analog Devices


ADRF5080-EVALZ Product details

GENERAL DESCRIPTION
The ADRF5080 is a reflective, SP8T switch manufactured in the
silicon process. The ADRF5080 operates from 100 MHz to 20 GHz
with an insertion loss of lower than 2.0 dB and an isolation higher
than 40 dB. The device has an RF input power handling capability
of 30 dBm continuous wave power for the insertion loss path.
The ADRF5080 operates with a dual-supply voltage, +3.3 V and
−3.3 V. The device can also operate with a single-supply voltage
(VDD) applied while the negative supply pin (VSS) is tied to ground.
The single-supply operation condition requires a lower operating
power while the excellent small signal performance is maintained
See Table 2 for details.
The ADRF5080 employs complementary metal-oxide semiconductor
(CMOS)-/low voltage transistor to transistor logic (LVTTL)-compatible
controls.
The ADRF5080 comes in a 36-terminal, 5.50 mm × 5.50 mm, RoHS
compliant, land grid array (LGA) package and can operate from −40°C to +105°C.

FEATURES
► Ultrawideband frequency range: 100 MHz to 20 GHz
► Low insertion loss
► 1.3 dB up to 6 GHz
► 1.6 dB up to 12 GHz
► 2.0 dB up to 20 GHz
► High isolation
► 46 dB up to 6 GHz
► 45 dB up to 12 GHz
► 40 dB up to 20 GHz
► High input linearity
► P0.1dB: 33 dBm typical
► IP3: 55 dBm typical
► High RF power handling
► Insertion loss path: 33 dBm
► Hot switching: 30 dBm
► Fast switching on and off time: 55 ns
► 0.1 dB settling time (50% VCTRL to 0.1 dB final RFOUT): 100 ns
► Single-supply operation capability
► All off state control
► Logic select control
► No low frequency spurs
► 36-terminal, 5.50 mm x 5.50 mm LGA package

APPLICATIONS
► Test and instrumentation
► Military radios, radars, and electronic counter measures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)




Similar Part No. - ADRF5080-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5010 AD-ADRF5010 Datasheet
654Kb / 12P
Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5010-EVALZ AD-ADRF5010-EVALZ Datasheet
654Kb / 12P
Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5010BCCZN AD-ADRF5010BCCZN Datasheet
654Kb / 12P
Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5010BCCZN-R7 AD-ADRF5010BCCZN-R7 Datasheet
654Kb / 12P
Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
More results


Similar Description - ADRF5080-EVALZ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0003 MACOM-SW65-0003 Datasheet
277Kb / 4P
GaAs SP8T Reflective Switch, DC - 2500 MHz
logo
Hittite Microwave Corpo...
HMC183QS24 HITTITE-HMC183QS24 Datasheet
216Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC322 HITTITE-HMC322 Datasheet
177Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
logo
Peregrine Semiconductor
PE42482 PSEMI-PE42482 Datasheet
910Kb / 23P
SP8T RF Switch, 10 MHz?? GHz
logo
Analog Devices
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com