Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW65-0003 Datasheet (PDF) - Tyco Electronics

SW65-0003 Datasheet PDF - Tyco Electronics
Part # SW65-0003
Download  SW65-0003 Download
File Size   277.66 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP8T Reflective Switch, DC - 2500 MHz

SW65-0003 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW65-0003 Datasheet PDF - Tyco Electronics

Part # SW65-0003
Download  SW65-0003 Click to download

File Size   277.66 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP8T Reflective Switch, DC - 2500 MHz

SW65-0003 Datasheet (HTML) - Tyco Electronics




Similar Part No. - SW65-0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0014 MACOM-SW65-0014 Datasheet
212Kb / 2P
GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0014 MA-COM-SW65-0014 Datasheet
114Kb / 4P
GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0014 MA-COM-SW65-0014 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW65-0014-TB MACOM-SW65-0014-TB Datasheet
212Kb / 2P
GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0014-TB MA-COM-SW65-0014-TB Datasheet
114Kb / 4P
GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results


Similar Description - SW65-0003

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC183QS24 HITTITE-HMC183QS24 Datasheet
216Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC253QS24 HITTITE-HMC253QS24 Datasheet
207Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322 HITTITE-HMC322 Datasheet
177Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC253QS24 HITTITE-HMC253QS24_06 Datasheet
265Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC253QS24 HITTITE-HMC253QS24_07 Datasheet
182Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322 HITTITE-HMC322_09 Datasheet
176Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10 GHz
HMC322LP4 HITTITE-HMC322LP4_08 Datasheet
277Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com