Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW65-0003 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW65-0003
Description  GaAs SP8T Reflective Switch, DC - 2500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW65-0003 Datasheet(HTML) 2 Page - Tyco Electronics

  SW65-0003 Datasheet HTML 1Page - Tyco Electronics SW65-0003 Datasheet HTML 2Page - Tyco Electronics SW65-0003 Datasheet HTML 3Page - Tyco Electronics SW65-0003 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SP8T Reflective Switch, DC - 2500 MHz
SW65-0003
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Pin Configuration
Pin No.
Function
Pin No.
Function
1
J8
15
J2
2
Ground
16
Ground
3
C8
17
J3
4
C7
18
Ground
5
C6
19
J4
6
C5
20
J9
7
C10
21
Ground
8
C9
22
J0
9
C4
23
Ground
10
C3
24
J5
11
C2
25
Ground
12
C1
26
J6
13
Ground
27
Ground
14
J1
28
J7
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Input Power
+34 dBm
Control Voltage
-8.5 volts
Storage Temperature
-65°C to +125°C
Operating Temperature
-40° to +85°C
Control Inputs
C1
C2
C3
C4
C5
C6
C7 C8 C9 C10
J1
J2
J3
J4
J5
J6
J7
J8
J9
J10 Match
L
H
H
H
H
H
H
H
H
H
On
Off
Off
Off
Off
Off
Off
Off
Off
Off
H
L
H
H
H
H
H
H
H
H
Off
On
Off
Off
Off
Off
Off
Off
Off
Off
H
H
L
H
H
H
H
H
H
H
Off
Off
On
Off
Off
Off
Off
Off
Off
Off
H
H
H
L
H
H
H
H
H
H
Off
Off
Off
On
Off
Off
Off
Off
Off
Off
H
H
H
H
L
H
H
H
H
H
Off
Off
Off
Off
On
Off
Off
Off
Off
Off
H
H
H
H
H
L
H
H
H
H
Off
Off
Off
Off
Off
On
Off
Off
Off
Off
H
H
H
H
H
H
L
H
H
H
Off
Off
Off
Off
Off
Off
On
Off
Off
Off
H
H
H
H
H
H
H
L
H
H
Off
Off
Off
Off
Off
Off
Off
On
Off
Off
H
H
H
H
H
H
H
H
L
H
Off
Off
Off
Off
Off
Off
Off
Off
On
Off
H
H
H
H
H
H
H
H
H
L
Off
Off
Off
Off
Off
Off
Off
Off
Off
On
Condition of Switch
VIN Low = 0 to -0.2V @ 10µA
VIN High = -5V @ 90µA
Truth Table
PCB Layout
Cascadable Application



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com