Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7797EB Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-AD7797EB
Description  Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7797EB Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-AD7797EB Datasheet HTML 5Page - Analog Devices EVAL-AD7797EB Datasheet HTML 6Page - Analog Devices EVAL-AD7797EB Datasheet HTML 7Page - Analog Devices EVAL-AD7797EB Datasheet HTML 8Page - Analog Devices EVAL-AD7797EB Datasheet HTML 9Page - Analog Devices EVAL-AD7797EB Datasheet HTML 10Page - Analog Devices EVAL-AD7797EB Datasheet HTML 11Page - Analog Devices EVAL-AD7797EB Datasheet HTML 12Page - Analog Devices EVAL-AD7797EB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7796/AD7797
Rev. A | Page 9 of 24
RMS NOISE AND RESOLUTION SPECIFICATIONS
Table 6 shows the rms noise of the AD7796/AD7797 for some
of the update rates. The numbers given are for the bipolar input
range with an external 2.5 V reference. These numbers are
typical and are generated with a differential input voltage of 0 V.
Table 7 and Table 8 show the effective resolution, while the
output peak-to-peak (p-p) resolution is shown in brackets. It is
important to note that the effective resolution is calculated
using the rms noise, while the p-p resolution is based on the p-p
noise. The p-p resolution represents the resolution for which
there is no code flicker. These numbers are typical and are
rounded to the nearest 0.5 LSB.
Table 6. RMS Noise (μV) vs. Output Update Rate for the
AD7796/AD7797 Using a 2.5 V Reference
Update Rate (Hz)
RMS Noise (μV)
4.17
0.065
6.25
0.07
8.33
0.08
10
0.09
12.5
0.1
16.7
0.12
33.2
0.17
50
0.21
62
0.23
123
0.43
Table 7. Typical Resolution (Bits) vs. Output Update Rate for
the AD7797 Using a 2.5 V Reference
Update Rate (Hz)
Effective Bits (p-p)
4.17
19 (16.5)
6.25
19 (16.5)
8.33
19 (16)
10
18.5 (16)
12.5
18.5 (16)
16.7
18.5 (15.5)
33.2
18 (15)
50
17.5 (15)
62
17.5 (14.5)
123
16.5 (13.5)
Table 8. Typical Resolution (Bits) vs. Output Update Rate for
the AD7796 Using a 2.5 V Reference
Update Rate (Hz)
Effective Bits (p-p)
4.17
16 (16)
6.25
16 (16)
8.33
16 (16)
10
16 (16)
12.5
16 (16)
16.7
16 (15.5)
33.2
16 (15)
50
16 (15)
62
16 (14.5)
123
16 (13.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com