Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7797EB Datasheet(PDF) 23 Page - Analog Devices

Part # EVAL-AD7797EB
Description  Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7797EB Datasheet(HTML) 23 Page - Analog Devices

Back Button EVAL-AD7797EB Datasheet HTML 16Page - Analog Devices EVAL-AD7797EB Datasheet HTML 17Page - Analog Devices EVAL-AD7797EB Datasheet HTML 18Page - Analog Devices EVAL-AD7797EB Datasheet HTML 19Page - Analog Devices EVAL-AD7797EB Datasheet HTML 20Page - Analog Devices EVAL-AD7797EB Datasheet HTML 21Page - Analog Devices EVAL-AD7797EB Datasheet HTML 22Page - Analog Devices EVAL-AD7797EB Datasheet HTML 23Page - Analog Devices EVAL-AD7797EB Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD7796/AD7797
Rev. A | Page 23 of 24
APPLICATIONS
The AD7796/AD7797 offer a high resolution analog-to-digital
function. Because the analog-to-digital function is provided by
a Σ-Δ architecture, the parts are more immune to noisy
environments, making them ideal for use in sensor
measurement, and industrial and process-control applications.
WEIGH SCALES
Figure 17 shows the AD7796/AD7797 being used in a weigh
scale application. The load cell is arranged in a bridge network
and gives a differential output voltage between its OUT+ and
OUT– terminals. Assuming a 5 V excitation voltage, the full-
scale output range from the transducer is 10 mV when the
sensitivity is 2 mV/V. The excitation voltage for the bridge can
be used to directly provide the reference for the ADC because
the reference input range includes the supply voltage. This
allows a ratiometric measurement. Therefore, variations of the
excitation voltage do not affect the measurement.
The on-chip temperature sensor can be used for temperature
compensation of the bridge so the variation of the sensor
resistance with temperature drift can be monitored and the
conversions from the bridge can be compensated.
AD7796/AD7797
AIN(+)
AIN(–)
INTERNAL
CLOCK
AVDD
DVDD
REFIN(–)
REFIN(+)
DOUT/RDY
DIN
SCLK
MUX
GND
GND
CLK
Σ-Δ
ADC
VDD
VDD
×128
TEMP
SENSOR
SERIAL
INTERFACE
AND
CONTROL
LOGIC
CS
IN+
IN–
OUT–
OUT+
Figure 17. Weigh Scales Using the AD7796/AD7797



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com