Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7991 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7991
Description  4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7991 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7991 Datasheet HTML 17Page - Analog Devices AD7991 Datasheet HTML 18Page - Analog Devices AD7991 Datasheet HTML 19Page - Analog Devices AD7991 Datasheet HTML 20Page - Analog Devices AD7991 Datasheet HTML 21Page - Analog Devices AD7991 Datasheet HTML 22Page - Analog Devices AD7991 Datasheet HTML 23Page - Analog Devices AD7991 Datasheet HTML 24Page - Analog Devices AD7991 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Preliminary Technical Data
AD7991/AD7995/AD7999
Rev. PrB | Page 21 of 25
WRITING TO THE AD7991/AD7995/AD7999
This part can be used in read-only mode if the user wishes to
use all 4 channels sequentially as the default on the configure
register allows. However, the user must write to the
configuration register of the part AD7991/AD7995/AD7999 if
they want to change from the default settings on the
configuration register.
WRITING A SINGLE BYTE OF DATA TO THE
CONFIGURATION REGISTER
The configuration register is an 8-bit register, so only one byte
of data can be written. Writing a single byte of data to this
register consists of the serial bus write address, followed by the
data byte written to the configuration register. See Figure 16
below.
SDA
ACK. BY
AD7992
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
ACK. BY
ADC
19
1
9
D7
D6
D5
D2
D1
D0
R/
9
A0
0
0
SCL
1
D4
D3
1
0
0
STOP
CONTROL REGISTER BYTE
Figure 16.Writing to the AD7991/AD7995/AD7999 Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com