Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8000YCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8000YCPZ-R2
Description  1.5 GHz Ultrahigh Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000YCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8000YCPZ-R2 Datasheet HTML 7Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 8Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 9Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 10Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 11Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 12Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 13Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 14Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8000
Rev. 0 | Page 11 of 20
–1.50
–1.25
–0.75
0.25
0.75
1.25
1.50
1.75
–0.25
–1.00
0
0.50
1.00
–0.50
TIME (ns)
0
5
10
15
20
25
30
35
40
45
50
–1.75
G = +1
G = +2
VS = ±5V
RF = 432Ω
RS = 0Ω
RL = 100Ω
Figure 35. Large Signal Transient Response
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
VCM (V)
–5
–4
–3
–2
–1
0
1
2
3
0.4
0.5
VIN
G = +2
5ns/DIV
t = 0s
1V
Figure 36. Settling Time
0
1k
2k
3k
4k
5k
6k
01
2
3
4
5
6
7
VOUT (V p-p)
G = +2
RF = 432Ω
RL = 150Ω
LFCSP, VS = +5V
SOIC, VS = ±5V
LFCSP, VS = ±5V
SOIC, VS = +5V
Figure 37. Slew Rate vs. Output Level
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
200
400
600
800
1000
TIME (ns)
G = +1
RL = 150Ω
RF = 432Ω
VS = ±2.5V, VOUT
VS = ±2.5V, VIN
VS = ±5V, VOUT
VS = ±5V, VIN
Figure 38. Input Overdrive
–6
–4
–2
–3
–5
0
–1
2
1
4
3
6
5
0
200
400
600
800
1000
TIME (ns)
G = +2
RL = 150Ω
RF = 432Ω
VS = ±2.5V, VOUT
VS = ±2.5V, 2 × VIN
VS = ±5V, VOUT
VS = ±5V, 2 × VIN
Figure 39. Output Overdrive
FREQUENCY (Hz)
0.1
10
1
100
100k
10k
100
1k
10
1M
10M
100M
VS = ±5V
G = +10
RF = 432Ω
RN = 47.5Ω
Figure 40. Input Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com