Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8000YCPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8000YCPZ-R2
Description  1.5 GHz Ultrahigh Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000YCPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8000YCPZ-R2 Datasheet HTML 11Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 12Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 13Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 14Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 15Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 16Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 17Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 18Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8000
Rev. 0 | Page 15 of 20
LOW DISTORTION PINOUT
The AD8000 LFCSP features ADI’s new low distortion pinout.
The new pinout lowers the second harmonic distortion and
simplifies the circuit layout. The close proximity of the non-
inverting input and the negative supply pin creates a source of
second harmonic distortion. Physical separation of the non-
inverting input pin and the negative power supply pin reduces
this distortion significantly, as seen in Figure 22.
By providing an additional output pin, the feedback resistor
can be connected directly across Pin 2 and Pin 3. This greatly
simplifies the routing of the feedback resistor and allows a more
compact circuit layout, which reduces its size and helps to
minimize parasitics and increase stability.
The SOIC also features a dedicated feedback pin. The feedback
pin is brought out on Pin 1, which is typically a No Connect on
standard SOIC pinouts.
Existing applications that use the standard SOIC pinout can
take full advantage of the performance offered by the AD8000.
For drop-in replacements, ensure that Pin 1 is not connected to
ground or to any other potential because this pin is connected
internally to the output of the amplifier. For existing designs,
Pin 6 can still be used for the feedback resistor.
EXPOSED PADDLE
The AD8000 features an exposed paddle, which can lower the
thermal resistance by 25% compared to a standard SOIC plastic
package. The paddle can be soldered directly to the ground plane
of the board. Figure 53 shows a typical pad geometry for the
LFCSP, the same type of pad geometry can be applied to the
SOIC package.
Thermal vias or “heat pipes” can also be incorporated into the
design of the mounting pad for the exposed paddle. These addi-
tional vias improve the thermal transfer from the package to
the PCB. Using a heavier weight copper on the surface to which
the amplifier’s exposed paddle is soldered also reduces the over-
all thermal resistance “seen” by the AD8000.
Figure 53. LFCSP Exposed Paddle Layout
PRINTED CIRCUIT BOARD LAYOUT
Laying out the printed circuit board (PCB) is usually the last
step in the design process and often proves to be one of the
most critical. A brilliant design can be rendered useless because
of a poor or sloppy layout. Since the AD8000 can operate into
the RF frequency spectrum, high frequency board layout con-
siderations must be taken into account. The PCB layout, signal
routing, power supply bypassing, and grounding all must be
addressed to ensure optimal performance.
SIGNAL ROUTING
The AD8000 LFCSP features the new low distortion pinout
with a dedicated feedback pin and allows a compact layout. The
dedicated feedback pin reduces the distance from the output to
the inverting input, which greatly simplifies the routing of the
feedback network.
To minimize parasitic inductances, ground planes should be
used under high frequency signal traces. However, the ground
plane should be removed from under the input and output pins
to minimize the formation of parasitic capacitors, which
degrades phase margin. Signals that are susceptible to noise
pickup should be run on the internal layers of the PCB, which
can provide maximum shielding.
POWER SUPPLY BYPASSING
Power supply bypassing is a critical aspect of the PCB design
process. For best performance, the AD8000 power supply pins
need to be properly bypassed.
A parallel connection of capacitors from each of the power
supply pins to ground works best. Paralleling different values
and sizes of capacitors helps to ensure that the power supply
pins “see” a low ac impedance across a wide band of frequencies.
This is important for minimizing the coupling of noise into the
amplifier. Starting directly at the power supply pins, the smallest
value and sized component should be placed on the same side
of the board as the amplifier, and as close as possible to the
amplifier, and connected to the ground plane. This process
should be repeated for the next larger value capacitor. It is
recommended for the AD8000 that a 0.1 µF ceramic 0508 case
be used. The 0508 offers low series inductance and excellent
high frequency performance. The 0.1 µF case provides low
impedance at high frequencies. A 10 µF electrolytic capacitor
should be placed in parallel with the 0.1 µF. The 10 µf capacitor
provides low ac impedance at low frequencies. Smaller values
of electrolytic capacitors can be used, depending on the circuit
requirements. Additional smaller value capacitors help to
provide a low impedance path for unwanted noise out to higher
frequencies but are not always necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com