Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8134ACP-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8134ACP-R2
Description  Triple Differential Driver With Sync-On-Common-Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8134ACP-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8134ACP-R2 Datasheet HTML 6Page - Analog Devices AD8134ACP-R2 Datasheet HTML 7Page - Analog Devices AD8134ACP-R2 Datasheet HTML 8Page - Analog Devices AD8134ACP-R2 Datasheet HTML 9Page - Analog Devices AD8134ACP-R2 Datasheet HTML 10Page - Analog Devices AD8134ACP-R2 Datasheet HTML 11Page - Analog Devices AD8134ACP-R2 Datasheet HTML 12Page - Analog Devices AD8134ACP-R2 Datasheet HTML 13Page - Analog Devices AD8134ACP-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8134
Rev. A | Page 10 of 20
FREQUENCY (MHz)
–30
–36
–38
–34
–32
–40
–42
–44
–46
–48
–50
0.1
1
10
100
1000
VIN = 2V p-p
VOUT, dm/VIN, dm WITH
OUTPUT PULL-DOWN
LOAD (
Ω)
4.5
2.5
3.5
1.5
0.5
–1.5
–0.5
–2.5
–3.5
–4.5
100
1000
10000
VS = +5V
VS = ±5V
5
4
3
1
0
2
Figure 27. Output Saturation Voltage vs. Output Load
Figure 24. Output Pull-Down Isolation vs. Frequency
TEMPERATURE (
°C)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
–40
–25
–5
15
35
55
75
85
VS = +5V
VS = ±5V
4.0
3.5
3.0
2.5
2.0
1.5
1.0
5.0
4.0
3.5
4.5
TEMPERATURE (
°C)
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–40
–25
–5
15
35
55
75
85
VS = +5V
VS = ±5V
RL, dm = 200Ω
1.5
0.5
0
1.0
Figure 25. Positive Output Saturation Voltage vs. Temperature
Figure 28. Negative Output Saturation Voltage vs. Temperature
TEMPERATURE (
°C)
40
30
35
20
25
10
15
5
0
–40 –30
10
–10
70
50
30
85
VS = +5V
VS = ±5V
Figure 26. Power Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com