Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8134ACP-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8134ACP-R2
Description  Triple Differential Driver With Sync-On-Common-Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8134ACP-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8134ACP-R2 Datasheet HTML 12Page - Analog Devices AD8134ACP-R2 Datasheet HTML 13Page - Analog Devices AD8134ACP-R2 Datasheet HTML 14Page - Analog Devices AD8134ACP-R2 Datasheet HTML 15Page - Analog Devices AD8134ACP-R2 Datasheet HTML 16Page - Analog Devices AD8134ACP-R2 Datasheet HTML 17Page - Analog Devices AD8134ACP-R2 Datasheet HTML 18Page - Analog Devices AD8134ACP-R2 Datasheet HTML 19Page - Analog Devices AD8134ACP-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8134
Rev. A | Page 17 of 20
–OUT R
+OUT R
–OUT G
+OUT G
–OUT B
+OUT B
VOCM WEIGHTING EQUATIONS:
RED VOCM = K(VSYNC – HSYNC) + VMIDSUPPLY
GREEN VOCM = K(–2VSYNC) + VMIDSUPPLY
BLUE VOCM = K(VSYNC + HSYNC) + VMIDSUPPLY
+IN R
–IN R
VSYNC
HSYNC
SYNC LEVEL
+IN G
–IN G
+IN B
–IN B
R
1.5k
Ω
1.5k
Ω
AD8134
750
Ω
750
Ω
G
1.5k
Ω
1.5k
Ω
750
Ω
750
Ω
VOCM
VOCM
VOCM B
1.5k
Ω
1.5k
Ω
750
Ω
750
Ω
OPD
×2
2
2
2
Figure 34. AD8134 Sync-On-Common-Mode Encoding Scheme
0
0.5
1.0
1.5
2.0
4.0
3.5
4.5
2.5
3.0
5.0
0.98
0.99
1.00
1.01
1.03
1.04
1.05
1.02
1.06
1.07
TIME (
μs)
HSYNC
VSYNC
2.0
2.1
2.2
2.3
2.4
2.9
2.8
3.0
2.5
2.6
2.7
3.1
R
G
B
Figure 35. AD8134 Sync-On-Common-Mode Signals in Single 5 V Application
The transmitted common-mode sync signal magnitudes are
scaled by applying a dc voltage to the SYNC LEVEL input,
referenced to the negative supply. The difference between the
voltage applied to the SYNC LEVEL input and the negative
supply sets the peak deviation of the encoded sync signals about
the midsupply common-mode voltage. For example, with the
SYNC LEVEL input set at VS− + 500 mV, the deviation of the
encoded sync pulses about the nominal midsupply common-
mode voltage is typically ±500 mV. The equations in Figure 34
describe how the VSYNC and HSYNC signals are encoded on each
color’s midsupply common-mode signal. In these equations, the
weights of the VSYNC and HSYNC signals are ±1 (+1 for high, −1
for low), and the constant K is equal to the peak deviation of the
encoded sync signals.
Figure 35 shows how the sync signals appear on each common-
mode voltage in a single 5 V supply application when the
voltage applied to the SYNC LEVEL input is 500 mV. A typical
setting for the SYNC LEVEL voltage is 500 mV above the
negative supply.
LEVEL-SHIFTING SYNC PULSES ON ±5 V SUPPLIES
The vertical and horizontal sync pulses received from a
computer video port are generally referenced to ground. When
using ±5 V supplies, these pulses must be level-shifted before
being applied to the negative-supply referenced VSYNC and HSYNC
inputs because these inputs are referenced to the negative
supply. The circuit shown in Figure 36 provides the proper sync
pulse level-shifting for a negative supply voltage of −5 V. The
vertical and horizontal sync pulses each require a level-shift
circuit.
6.04k
Ω
2.21k
Ω
LEVEL-SHIFTED
SYNC PULSE
TO AD8134
GROUND-REFERENCED
SYNC PULSE
1k
Ω
VS–
2N3906
Figure 36. Level-Shifting Sync Pulses on ±5 V Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com