Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8159 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8159
Description  3.2 Gbps Quad Buffer Mux/Demux
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8159 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8159 Datasheet HTML 16Page - Analog Devices AD8159 Datasheet HTML 17Page - Analog Devices AD8159 Datasheet HTML 18Page - Analog Devices AD8159 Datasheet HTML 19Page - Analog Devices AD8159 Datasheet HTML 20Page - Analog Devices AD8159 Datasheet HTML 21Page - Analog Devices AD8159 Datasheet HTML 22Page - Analog Devices AD8159 Datasheet HTML 23Page - Analog Devices AD8159 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8159
Rev. A | Page 21 of 24
AC Coupling
In general, more VTTO supply headroom is required with ac-
coupled outputs. When the outputs are ac-coupled, the average
single-ended current does not see the far end 50 Ω termination
because the capacitor acts as a dc block. For example, with
PE = 0, the single-ended output current alternates from 0 mA
to 16 mA, or 8 mA on average. This 8 mA current flows entirely
through the on-chip 50 Ω termination resistor due to the dc
block.
The single-ended output voltage has an average value of
VTTO − 8 mA × 50 Ω = VTTO − 400 mV
For appropriate data patterns,
1 the capacitor acts as a short and
the voltage swing is 400 mV p-p, identical to the dc-coupled case.
The low output voltage is, therefore,
VTTO − 400 mV − 200 mV = VTTO − 600 mV
1AC coupling requires that the signal pattern have no long term dc
component. Codes such as 8b/10b, for example, ensure that the data
pattern is benign in an ac-coupled link.
The lowest acceptable value for VTTO is
VCC − 1.6 V + 0.6 V = VCC − 1.0 V
The same exercise can be repeated for other pre-emphasis
settings.
Output Compliance Table
To simplify the task of interfacing to the AD8159 output,
Table 13 is useful as a quick-reference. It provides the minimum
and maximum values for output termination voltage for both
ac and dc coupling. The values in the table are valid for any pre-
emphasis setting.
Table 13. Output Compliance
AC-Coupled
DC-Coupled
Minimum
(V)
Maximum
(V)
Minimum
(V)
Maximum
(V)
VTTO
VCC – 0.5
VCC + 0.6
VCC – 0.9
VCC + 0.6
VTTOI
VCC – 0.4
VCC + 0.6
VCC – 0.8
VCC + 0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com