Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8159ASVZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8159ASVZ
Description  3.2 Gbps Quad Buffer Mux/Demux
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8159ASVZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8159ASVZ Datasheet HTML 2Page - Analog Devices AD8159ASVZ Datasheet HTML 3Page - Analog Devices AD8159ASVZ Datasheet HTML 4Page - Analog Devices AD8159ASVZ Datasheet HTML 5Page - Analog Devices AD8159ASVZ Datasheet HTML 6Page - Analog Devices AD8159ASVZ Datasheet HTML 7Page - Analog Devices AD8159ASVZ Datasheet HTML 8Page - Analog Devices AD8159ASVZ Datasheet HTML 9Page - Analog Devices AD8159ASVZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8159
Rev. A | Page 6 of 24
Pin No.
Mnemonic
Type
Description
28
IP_A3
I/O
High speed input
30
IN_A2
I/O
High speed input complement
31
IP_A2
I/O
High speed input
32, 57
VTTI
Power
Port A and Port B input termination supply
33
IN_A1
I/O
High speed input complement
34
IP_A1
I/O
High speed input
36
IN_A0
I/O
High speed input complement
37
IP_A0
I/O
High speed input
39
ON_B3
I/O
High speed output complement
40
OP_B3
I/O
High speed output
42
ON_B2
I/O
High speed output complement
43
OP_B2
I/O
High speed output
45
ON_B1
I/O
High speed output complement
46
OP_B1
I/O
High speed output
48
ON_B0
I/O
High speed output complement
49
OP_B0
I/O
High speed output
52
IN_B3
I/O
High speed input complement
53
IP_B3
I/O
High speed input
55
IN_B2
I/O
High speed input complement
56
IP_B2
I/O
High speed input
58
IN_B1
I/O
High speed input complement
59
IP_B1
I/O
High speed input
61
IN_B0
I/O
High speed input complement
62
IP_B0
I/O
High speed input
64
BICAST
Control
Bicast enable
65
LB_A
Control
Loopback enable for Port A
66
LB_B
Control
Loopback enable for Port B
67
LB_C
Control
Loopback enable for Port C
68
SEL0
Control
A/B select for Lane 0
69
SEL1
Control
A/B select for Lane 1
70
SEL2
Control
A/B select for Lane 2
71
SEL3
Control
A/B select for Lane 3
72
EQ_C
Control
Equalization control for Port C
73
EQ_B
Control
Equalization control for Port B
74
EQ_A
Control
Equalization control for Port A
77
ION_C3
I/O
High speed input/output complement
78
IOP_C3
I/O
High speed input/output
80
ION_C2
I/O
High speed input/output complement
81
IOP_C2
I/O
High speed input/output
82
VTTIO
Power
Port C input/output termination supply
83
ION_C1
I/O
High speed input/output complement
84
IOP_C1
I/O
High speed input/output
86
ION_C0
I/O
High speed input/output complement
87
IOP_C0
I/O
High speed input/output
89
OIN_C3
I/O
High speed output/input complement
90
OIP_C3
I/O
High speed output/input
92
OIN_C2
I/O
High speed output/input complement
93
OIP_C2
I/O
High speed output/input
94
VTTOI
Power
Port C output/input termination supply
95
OIN_C1
I/O
High speed output/input complement
96
OIP_C1
I/O
High speed output/input
98
OIN_C0
I/O
High speed output/input complement
99
OIP_C0
I/O
High speed output/input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com