Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8159ASVZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8159ASVZ
Description  3.2 Gbps Quad Buffer Mux/Demux
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8159ASVZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8159ASVZ Datasheet HTML 9Page - Analog Devices AD8159ASVZ Datasheet HTML 10Page - Analog Devices AD8159ASVZ Datasheet HTML 11Page - Analog Devices AD8159ASVZ Datasheet HTML 12Page - Analog Devices AD8159ASVZ Datasheet HTML 13Page - Analog Devices AD8159ASVZ Datasheet HTML 14Page - Analog Devices AD8159ASVZ Datasheet HTML 15Page - Analog Devices AD8159ASVZ Datasheet HTML 16Page - Analog Devices AD8159ASVZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8159
Rev. A | Page 13 of 24
TEST CIRCUITS
All graphs were generated using the setup shown in Figure 32, unless otherwise specified.
0.25"
TERADYNE FR4 TEST BACKPLANE
DIFFERENTIAL STRIPLINE TRACES
8mm WIDE, 8mm SPACE, 8mm HEIGHT
TRACE LENGTHS = 6", 18", 24", 30" + 3" × 2 DAUGHTER CARDS
GBX4 TO SMA DAUGHTER CARDS
Figure 31. Test Backplane
A
B
C
C
A
B
AD8159
AC-COUPLED
EVALUATION BOARD
TEST BACKPLANE
50Ω
50Ω
HIGH SPEED
REAL-TIME
OSCILLOSCOPE
50Ω
50Ω CABLE
50Ω CABLE
50Ω CABLE
PATTERN
GENERATOR
DATA OUT
NOTES
1. SINGLE-ENDED REPRESENTATION
Figure 32. AC-Coupled Test Circuit
A
B
C
C
A
B
AD8159
DC-COUPLED
EVALUATION BOARD
TEST BACKPLANE
50Ω
50Ω
HIGH SPEED
REAL-TIME
OSCILLOSCOPE
50Ω
50Ω CABLE
50Ω CABLE
50Ω CABLE
PATTERN
GENERATOR
DATA OUT
NOTES
1. SINGLE-ENDED REPRESENTATION
Figure 33. DC-Coupled Test Circuit
Note: Test Circuit Used for Figure 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com