Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8224ACPZ-R7
Description  Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8224ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
AD8224
Preliminary Technical Data
APPLICATIONS
DRIVING AN ANALOG-TO-DIGITAL CONVERTER
+IN
store and deliver necessary charge to the switched capacitor input
of the ADC. The 500 Ω series resistor reduces the burden of the
+
–
AD8224
AD8224
REF2
An instrumentation amplifier is often used in front of an analog-to-
RG
+OUT
+IN2
digital converter to provide CMRR and additional conditioning
20kΩ
–IN
such as a voltage level shift and gain (see Figure 63). In this
example, a 2.7 nF capacitor and a 500 Ω resistor create an anti­
33pF
aliasing filter for the AD7685. The 2.7 nF capacitor also serves to
2.7 nF load from the amplifier. However, large source impedance in
–OUT
front of the ADC can degrade total harmonic distortion (THD).
Figure 64. Differential Circuit Schematic
For applications where THD performance is critical, the series
Setting the Common-Mode Voltage
resistor needs to be small. At worst, a small series resistor can load
The output common-mode voltage is set by the average of +IN2
the AD8224, potentially causing the output to overshoot or ring.
and REF2. The transfer function is
In such cases, a buffer amplifier, such as the AD8615, should be
used after the AD8224 to drive the ADC.
VCM_OUT = (V+OUT + V−OUT)/2 = (V+IN2 + VREF2)/2
+5V
+IN2 and REF2 have different properties that allow the
AD8224
AD7685
ADR435
+5V
2.7nF
REF
500Ω
1.07kΩ
+2.5V
+IN
–IN
0.1µF
10µF
+
reference voltage to be easily set for a wide variety of applications.
+IN2 has high impedance but cannot swing to the supply rails
4.7µF
of the part. REF2 must be driven with a low impedance, but can
go 300 mV beyond the supply rails.
±50mV
A common application sets the common-mode output voltage
to the midscale of a differential ADC. In this case, the ADC
reference voltage is sent to the +IN2 terminal, and ground is
connected to the REF2 terminal. This produces a common-
mode output voltage of half the ADC reference voltage.
Figure 63. Driving an ADC in a Low Frequency Application
2-Channel Differential Output Using a Dual Op Amp
Another differential output topology is shown in Figure 65.
Instead of a second in-amp, ½ of a dual OP2177 op amp creates
the inverted output. Because the OP2177 comes in an MSOP,
this configuration allows the creation of a dual channel,
precision differential output in-amp with little board area.
Errors from the op amp are common to both outputs and are
thus common mode. Errors from mismatched resistors also
create a common-mode dc offset. Because these errors are
common mode, they are likely to be rejected by the next device
in the signal chain.
+IN
AD8224
4.99kΩ
+
–
OP2177
4.99kΩ
+OUT
REF
VREF
DIFFERENTIAL OUTPUT
The differential configuration of the AD8224 has the same
excellent dc precision specifications as the single-ended output
configuration and is recommended for applications in the
frequency range of dc to 100 kHz.
The circuit configuration, outlined in Table 7, refers to the
configuration shown in Figure 64 only. The circuit includes an RC
filter that maintains the stability of the loop.
The transfer function for the differential output is:
VDIFF_OUT
= V+OUT − V−OUT = (V+IN − V−IN) × G
where:
49.4 kΩ
G = 1 +
–IN
RG
–OUT
Figure 65. Differential Output Using Op Amp
Rev. PrB | Page 24 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com