Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8224ACPZ-R7
Description  Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8224ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
AD8224
Preliminary Technical Data
OUTLINE DIMENSIONS
0.50
0.40
4.00
BSC SQ
1
12 13
16
3.75
EXPOSED
BSC SQ
PAD
4
9
8
5
TOP VIEW
12° MAX
0.80 MAX
0.65 TYP
0.23
0.18
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC.
Figure 68. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-16-13)
Dimensions are shown in millimeters
ORDERING GUIDE
0.65
BSC
0.60 MAX
PIN 1
INDICATOR
1.95 BCS
0.30
0.25 MIN
SEATING
PLANE
PIN 1
INDICATOR
COPLANARITY
0.08
1.00
0.85
0.80
0.30
0.05 MAX
0.02 NOM
0.20 REF
2.65
2.50 SQ
2.35
BOTTOM VIEW
Model
Temperature Range
Product Description
Package Option
AD8224ACPZ-R71
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-13
AD8224ACPZ-RL1
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-13
AD8224ACPZ-WP1
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-13
AD8224BCPZ-R71
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-13
AD8224BCPZ-RL1
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-13
AD8224BCPZ-WP1
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-13
AD8224-EVALZ
Evaluation Board
1 Z = Pb-free part.
Rev. PrB | Page 26 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com