Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8317
Description  1 MHz to 10 GHz, 50 dB Log Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8317 Datasheet HTML 7Page - Analog Devices AD8317 Datasheet HTML 8Page - Analog Devices AD8317 Datasheet HTML 9Page - Analog Devices AD8317 Datasheet HTML 10Page - Analog Devices AD8317 Datasheet HTML 11Page - Analog Devices AD8317 Datasheet HTML 12Page - Analog Devices AD8317 Datasheet HTML 13Page - Analog Devices AD8317 Datasheet HTML 14Page - Analog Devices AD8317 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8317
Rev. 0 | Page 11 of 20
THEORY OF OPERATION
The AD8317 is a 6-stage demodulating logarithmic amplifier,
specifically designed for use in RF measurement and power control
applications at frequencies up to 10 GHz. A block diagram is
shown in Figure 21. Sharing much of its design with the AD8318
logarithmic detector/controller, the AD8317 maintains tight inter-
cept variability vs. temperature over a 50 dB range. Additional
enhancements over the AD8318, such as reduced RF burst
response time of 8 ns to 10 ns, 22 mA supply current, and board
space requirements of only 2 mm x 3 mm, add to the low cost
and high performance benefits found in the AD8317.
GAIN
BIAS
SLOPE
DET
DET
DET
DET
INHI
INLO
IV
VOUT
VSET
CLPF
TADJ
VPOS
COMM
IV
Figure 21. Block Diagram
A fully differential design, using a proprietary, high speed SiGe
process, extends high frequency performance. Input INHI receives
the signal with a low frequency impedance of nominally 500 Ω
in parallel with 0.7 pF. The maximum input with ±1 dB log-
conformance error is typically 0 dBm (re: 50 Ω). The noise
spectral density referred to the input is 1.15 nV/√Hz, which is
equivalent to a voltage of 118 μV rms in a 10.5 GHz bandwidth
or a noise power of −66 dBm (re: 50 Ω). This noise spectral
density sets the lower limit of the dynamic range. However, the
low end accuracy of the AD8317 is enhanced by specially shaping
the demodulating transfer characteristic to partially compensate
for errors due to internal noise. The common pin, COMM,
provides a quality low impedance connection to the printed circuit
board (PCB) ground. The package paddle, which is internally
connected to the COMM pin, should also be grounded to the
PCB to reduce thermal impedance from the die to the PCB.
The logarithmic function is approximated in a piecewise
fashion by six cascaded gain stages. (For a more comprehensive
explanation of the logarithm approximation, please refer to the
AD8307 data sheet, available at www.analog.com.) The cells
have a nominal voltage gain of 9 dB each and a 3 dB bandwidth
of 10.5 GHz. Using precision biasing, the gain is stabilized over
temperature and supply variations. The overall dc gain is high,
due to the cascaded nature of the gain stages. An offset
compensation loop is included to correct for offsets within the
cascaded cells. At the output of each of the gain stages, a square-
law detector cell is used to rectify the signal.
The RF signal voltages are converted to a fluctuating differential
current having an average value that increases with signal level.
Along with the six gain stages and detector cells, an additional
detector is included at the input of the AD8317, providing a 50 dB
dynamic range in total. After the detector currents are summed
and filtered, the following function is formed at the summing node:
ID × log10(VIN/VINTERCEPT)
where:
ID is the internally set detector current.
VIN is the input signal voltage.
VINTERCEPT is the intercept voltage (that is, when VIN = VINTERCEPT,
the output voltage would be 0 V, if it were capable of going to 0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com