Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8337 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8337 Datasheet HTML 17Page - Analog Devices AD8337 Datasheet HTML 18Page - Analog Devices AD8337 Datasheet HTML 19Page - Analog Devices AD8337 Datasheet HTML 20Page - Analog Devices AD8337 Datasheet HTML 21Page - Analog Devices AD8337 Datasheet HTML 22Page - Analog Devices AD8337 Datasheet HTML 23Page - Analog Devices AD8337 Datasheet HTML 24Page - Analog Devices AD8337 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8337
Rev. A | Page 21 of 28
APPLICATIONS
PREAMPLIFIER CONNECTIONS
Noninverting Gain Configuration
The AD8337 preamplifier is an uncommitted, current-feedback
op amp that is stable for values of RFB2 ≥ 100 Ω. See Figure 66
for noninverting feedback connections.
RG
PRAO
PREAMPLIFIER
+
–
INPP
INPN
5
3
4
RFB2
RFB1
Figure 66. AD8337 Preamplifier Configured for Noninverting Gain
Two surface-mount resistors establish the preamplifier gain.
Equal values of 100 Ω configure the preamplifier for a 6 dB gain
and the device for a default gain range of 0 dB to 24 dB.
For preamp gains ≥2, select a value of RFB2 ≥ 100 Ω and RFB1 ≤
100 Ω. Higher values of RFB2 reduce the bandwidth and increase
the offset voltage, but smaller values compromise stability. If
RFB1 ≤ 100 Ω, the gain increases, and the input-referred noise
decreases.
Inverting Gain Configuration
For applications requiring polarity inversion of negative pulses, or
for waveforms that require current sinking, the preamplifier can
be configured as an inverting-gain amplifier. When configured
with bipolar supplies, the preamplifier amplifies positive or
negative input voltages with no level shifting of the common-
mode input voltage required. Figure 67 shows the AD8337
configured for inverting gain operation.
Because the AD8337 is a very high frequency device, stability
issues can occur unless the circuit board on which it is used is
carefully laid out. The stability of the preamp is affected by
parasitic capacitance around the INPN pin. Position the Pre-
amp Gain Resistor RFB1 and Resistor RFB2 as close as possible to
Pin 4, INPN, to minimize stray capacitance.
PRAO
PREAMPLIFIER
+
–
INPP
INPN
5
3
4
RFB2
RFB1
Figure 67. The AD8337 Preamplifier Configured for Inverting Gain
DRIVING CAPACITIVE LOADS
Because of the large bandwidth of the AD8337, stray
capacitance at the output pin can induce peaking in the
frequency response as the gain of the amplifier begins to
roll-off. Figure 68 shows peaking with two values of load
capacitance using ±2.5 V supplies and VGAIN = 0 V.
–5
0
10
20
15
25
100k
5
FREQUENCY (Hz)
1M
500M
100M
10M
CL = 0pF
CL = 10pF
CL = 22pF
VGAIN = 0V
NO SNUBBING RESISTOR
Figure 68. Peaking in the Frequency Response for Two Values of Output
Capacitance with ±2.5 V Supplies and No Snubbing Resistor
–5
0
10
20
15
25
100k
5
FREQUENCY (Hz)
1M
500M
100M
10M
CL = 0pF
CL = 10pF
CL = 22pF
VGAIN = 0V
WITH 20Ω SNUBBING RESISTOR
Figure 69. Frequency Response for Two Values of Output Capacitance with
a 20 Ω Snubbing Resistor
In the time domain, stray capacitance at the output pin can
induce overshoot on the edges of transient signals, as seen in
Figure 70 and Figure 72. The amplitude of the overshoot is
also a function of the slewing of the transient (not shown).
The transition time of the input pulses used for Figure 70
and Figure 72 was set deliberately high at 300 ps to demonstrate
the fast response time of the amplifier. Signals with longer
transition times generate less overshoot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com