Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC00AD Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC00AD
Description  Quad 2-input NAND gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC00AD Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC00AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
74LVC00A
Quad 2-input NAND gate
Rev. 9 — 17 September 2021
Product data sheet
1. General description
The 74LVC00A is a quad 2-input NAND gate. Inputs can be driven from either 3.3 V or 5 V devices.
This feature allows the use of these devices as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
2. Features and benefits
• Overvoltage tolerant inputs to 5.5 V
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low-power consumption
• Direct interface with TTL levels
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC00AD
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74LVC00APW -40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74LVC00ABQ
-40 °C to +125 °C
DHVQFN14 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 14 terminals;
body 2.5 × 3 × 0.85 mm
SOT762-1


Similar Part No. - 74LVC00AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC00AD PHILIPS-74LVC00AD Datasheet
86Kb / 8P
Quad 2-input NAND gate
1998 Apr 28
74LVC00AD PHILIPS-74LVC00AD Datasheet
197Kb / 14P
Quad 2-input NAND gate Rev. 7 ??25 April 2012
Rev. 7-25 April 2012
logo
Nexperia B.V. All right...
74LVC00AD-Q100 NEXPERIA-74LVC00AD-Q100 Datasheet
745Kb / 14P
Quad 2-input NAND gate
logo
NXP Semiconductors
74LVC00ADB PHILIPS-74LVC00ADB Datasheet
86Kb / 8P
Quad 2-input NAND gate
1998 Apr 28
74LVC00ADB PHILIPS-74LVC00ADB Datasheet
197Kb / 14P
Quad 2-input NAND gate Rev. 7 ??25 April 2012
Rev. 7-25 April 2012
More results

Similar Description - 74LVC00AD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com