Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC00AD Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC00AD
Description  Quad 2-input NAND gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC00AD Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC00AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC00AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
74LVC00A
Quad 2-input NAND gate
4. Functional diagram
mna212
1A
1Y
1B
1
2
3
2A
2Y
2B
4
5
6
3A
3Y
3B
9
10
8
4A
4Y
4B
12
13
11
Fig. 1. Logic symbol
mna246
3
1
2
&
6
4
5
&
8
9
10
&
11
12
13
&
Fig. 2. IEC logic symbol
mna211
A
B
Y
Fig. 3. Logic diagram (one gate)
5. Pinning information
5.1. Pinning
74LVC00A
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
001aac938
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 4. Pin configuration for SOT108-1 (SO14) and
SOT402-1 (TSSOP14)
001aac939
74LVC00A
Transparent top view
2Y
3A
2B
3B
2A
4Y
1Y
4A
1B
4B
GND(1)
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 5. Pin configuration for SOT762-1 (DHVQFN14)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1A to 4A
1, 4, 9, 12
data input
1B to 4B
2, 5, 10, 13
data input
1Y to 4Y
3, 6, 8,11
data output
GND
7
ground (0 V)
VCC
14
supply voltage
74LVC00A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 17 September 2021
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com