Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8538AUJZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8538AUJZ-R2
Description  Low Power, Precision Auto-Zero Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8538AUJZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8538AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 9Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 10Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 11Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD8538
Rev. 0 | Page 8 of 12
TIME (4µs/DIV)
VSY =5V
AV =1
CL = 300pF
RL = 10kΩ
1000
0.01
1
0.1
10
100
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 5V AND 2.7V
AV =1
AV =10
AV = 100
Figure 18. Large Signal Transient Response
Figure 15. Closed-Loop Output Impedance vs. Frequency
TIME (10µs/DIV)
VSY =5V
AV =–50
100
0
0
–2.5
60
0
1
1000
LOAD CAPACITANCE (pF)
10
20
30
40
50
10
100
VSY =5V
TA =25°C
RL =2kΩ
OS+
OS–
Figure 16. Small Signal Overshoot vs. Load Capacitance
Figure 19. Positive Overload Recovery
TIME (4µs/DIV)
VSY =5V AND 2.7V
AV =1
CL = 300pF
RL =2kΩ
TIME (10µs/DIV)
VSY =5V
AV =–50
0
–100
2.5
0
Figure 17. Small Signal Transient Response
Figure 20. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com