Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8538AUJZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8538AUJZ-R2
Description  Low Power, Precision Auto-Zero Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8538AUJZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8538AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 9Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 10Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 11Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8538
Rev. 0 | Page 10 of 12
V = 2.7 V or ±1.35 V.
S
180
0
INPUT OFFSET VOLTAGE (µV)
20
40
60
80
100
120
140
160
–10.0 –8.4 –6.8 –5.2 –3.6 –2.0 –0.4 1.2 2.8 4.4 6.0 7.6 9.2
VSY =2.7V
0V < VCM <2.7V
TA =25°C
10000
0.1
0.001
1
LOAD CURRENT (mA)
1
10
100
1000
0.01
0.1
SINK
SOURCE
VSY =2.7V
TA =25°C
Figure 24. Input Offset Voltage Distribution
Figure 27. Output Saturation Voltage vs. Load Current
30
0
–40
125
TEMPERATURE (°C)
5
10
15
20
25
–25 –105
20
355065
8095
110
VSY =2.7V
RL =10kΩ
VSY =VOH
VOL
35
0
TCVOS (µV/°C)
5
10
15
20
25
30
0
0.012 0.024 0.036 0.048 0.060 0.072 0.084 0.096
VSY =2.7V
–40°C < TA < +125°C
Figure 25. Input Offset Voltage Drift Distribution
Figure 28. Output Saturation Voltage vs. Temperature
10
–10
02
INPUT COMMON-MODE VOLTAGE (V)
.5
–8
–6
–4
–2
0
2
4
6
8
0.5
1.0
1.5
2.0
VSY =2.7V
TA =25°C
80
0
11
LOAD CAPACITANCE (pF)
000
10
20
30
40
50
60
70
10
100
OS+
OS–
VSY =2.7V
TA =25°C
RL =2kΩ
Figure 29. Small Signal Overshoot vs. Load Capacitance
Figure 26. Input Offset Voltage vs. Input Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com