Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9396 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9396
Description  Analog/DVI Dual-Display Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9396 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9396 Datasheet HTML 17Page - Analog Devices AD9396 Datasheet HTML 18Page - Analog Devices AD9396 Datasheet HTML 19Page - Analog Devices AD9396 Datasheet HTML 20Page - Analog Devices AD9396 Datasheet HTML 21Page - Analog Devices AD9396 Datasheet HTML 22Page - Analog Devices AD9396 Datasheet HTML 23Page - Analog Devices AD9396 Datasheet HTML 24Page - Analog Devices AD9396 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
AD9396
Rev. 0 | Page 21 of 48
2-WIRE SERIAL REGISTER MAP
The AD9396 is initialized and controlled by a set of registers that determines the operating modes. An external controller is employed to
write and read the control registers through the 2-wire serial interface port.
Table 12. Control Register Map
Hex
Address
Read/Write
or Read Only
Bits
Default
Value
Register Name
Description
0x00
Read
[7:0]
00000000
Chip Revision
Chip revision ID.
0x01
Read/Write
[7:0]
01101001
PLL Divider MSB
PLL feedback divider value MSB.
0x02
Read/Write
[7:4]
1101****
PLL Divider
PLL feedback divider value.
0x03
Read/Write
[7:6]
01******
VCO Range
VCO range.
[5:3]
**001***
Charge Pump
Charge pump current control for PLL.
[2]
*****0**
External Clock
Enable
Selects the external clock input rather than the internal PLL clock.
0x04
Read/Write
[7:3]
10000***
Phase Adjust
Selects the clock phase to use for the ADC clock.
0x05
Read/Write
[7:0]
10000000
Red Gain
Controls the gain of the red channel PGA. 0 = low gain,
255 = high gain.
0x06
Read/Write
[7:0]
10000000
Green Gain
Controls the gain of the green channel PGA. 0 = low gain,
255 = high gain.
0x07
Read/Write
[7:0]
10000000
Blue Gain
Controls the gain of the blue channel PGA. 0 = low gain,
255 = high gain.
0x08
Read/Write
[7:0]
00000000
Red Offset Adjust
User adjustment of auto-offset. Allows user control of brightness.
0x09
Read/Write
[7:0]
10000000
Red Offset
Red offset/target code. 0 = small offset, 255 = large offset.
0x0A
Read/Write
[7:0]
00000000
Green Offset
Adjust
User adjustment of auto-offset. Allows user control of brightness.
0x0B
Read/Write
[7:0]
10000000
Green Offset
Green offset/target code. 0 = small offset, 255 = large offset.
0x0C
Read/Write
[7:0]
00000000
Blue Offset Adjust
User adjustment of auto-offset. Allows user control of brightness.
0x0D
Read/Write
[7:0]
10000000
Blue Offset
Blue offset/target code. 0 = small offset, 255 = large offset.
0x0E
Read/Write
[7:0]
00100000
Sync Separator
Threshold
Selects the maximum HSYNC pulse width for composite sync
separation.
0x0F
Read/Write
[7:2]
010000**
SOG Comparator
Threshold Enter
The enter level for the SOG slicer. Must be less than or equal to the
exit level.
0x10
Read/Write
[7:2]
010000**
SOG Comparator
Threshold Exit
The exit level for the SOG slicer. Must be greater than or equal to
the enter level.
0x11
Read/Write
[7]
0*******
HSYNC Source
0 = HSYNC.
1 = SOG.
[6]
*0******
HSYNC Source
Override
0 = auto HSYNC source.
1 = manual HSYNC source.
[5]
**0*****
VSYNC Source
0 = VSYNC.
1 = VSYNC from SOG.
[4]
***0****
VSYNC Source
Override
0 = auto HSYNC source.
1 = manual HSYNC source.
[3]
****0***
Channel Select
0 = Channel 0.
1 = Channel 1.
[2]
*****0**
Channel Select
Override
0 = autochannel select.
1 = manual channel select.
[1]
******0*
Interface Select
0 = analog interface.
1 = digital interface.
[0]
*******0
Interface Override
0 = auto-interface select.
1 = manual interface select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com