Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8656ARMZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8656ARMZ-R2
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8656ARMZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8656ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8655/AD8656
Rev. A | Page 7 of 20
4.5
4.0
3.5
3.0
2.5
2.0
–50
0
50
TEMPERATURE (°C)
100
150
VS = ±2.5V
4.996
4.990
4.988
4.986
4.984
4.982
–50
0
50
TEMPERATURE (°C)
100
150
4.992
4.994
VS = ±2.5V
LOAD CURRENT = 1mA
Figure 11. Supply Current vs. Temperature
Figure 14. Output Voltage Swing High vs. Temperature
12
10
8
6
4
2
–50
0
50
TEMPERATURE (°C)
100
150
LOAD CURRENT = 1mA
VS = ±2.5V
VOH
VOL
2500
2000
1500
1000
500
0
0
50
100
150
200
CURRENT LOAD (mA)
250
VS = ±2.5V
Figure 15. Output Voltage Swing Low vs. Temperature
Figure 12. AD8655 Output Voltage to Supply Rail vs. Current Load
80
60
0
100
1k
10k
FREQUENCY (Hz)
100k
10M
120
100
VS = ±2.5V
VIN = 28mV
RL = 1MΩ
CL = 47pF
40
20
1M
100
10
1
0.1
1
10
CURRENT LOAD (mA)
100
1000
10000
1000
VS = ±2.5V
VOL
VOH
Figure 13. AD8656 Output Swing vs. Current Load
Figure 16. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com