Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8656ARMZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8656ARMZ-R2
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8656ARMZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8656ARMZ-R2 Datasheet HTML 11Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 12Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 13Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 14Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 15Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 16Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 17Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 18Page - Analog Devices AD8656ARMZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8655/AD8656
Rev. A | Page 15 of 20
THEORY OF OPERATION
The AD8655/AD8656 amplifiers are voltage feedback, rail-to-
rail input and output precision CMOS amplifiers, which operate
from 2.7 V to 5.0 V of power supply voltage. These amplifiers
use the Analog Devices DigiTrim technology to achieve a
higher degree of precision than is available from most CMOS
amplifiers. DigiTrim technology, used in a number of ADI
amplifiers, is a method of trimming the offset voltage of the
amplifier after it is packaged. The advantage of post-package
trimming is that it corrects any offset voltages caused by the
mechanical stresses of assembly.
The AD8655/AD8656 are available in standard op amp pinouts,
making DigiTrim completely transparent to the user. The input
stage of the amplifiers is a true rail-to-rail architecture, allowing
the input common-mode voltage range of the amplifiers to
extend to both positive and negative supply rails. The open-
loop gain of the AD8655/AD8656 with a load of 10 kΩ is
typically 110 dB.
The AD8655/AD8656 can be used in any precision op amp
application. The amplifier does not exhibit phase reversal for
common-mode voltages within the power supply. The
AD8655/AD8656 are great choices for high resolution data
acquisition systems with voltage noise of 2.7 nV/√Hz and
THD + Noise of –103 dB for a 2 V p-p signal at 10 kHz. Their
low noise, sub-pA input bias current, precision offset, and high
speed make them superb preamps for fast filter applications.
The speed and output drive capability of the AD8655/AD8656
also make them useful in video applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com