Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9510/PCB Datasheet(PDF) 50 Page - Analog Devices

Part # AD9510/PCB
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510/PCB Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9510/PCB Datasheet HTML 46Page - Analog Devices AD9510/PCB Datasheet HTML 47Page - Analog Devices AD9510/PCB Datasheet HTML 48Page - Analog Devices AD9510/PCB Datasheet HTML 49Page - Analog Devices AD9510/PCB Datasheet HTML 50Page - Analog Devices AD9510/PCB Datasheet HTML 51Page - Analog Devices AD9510/PCB Datasheet HTML 52Page - Analog Devices AD9510/PCB Datasheet HTML 53Page - Analog Devices AD9510/PCB Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
AD9510
Rev. A | Page 50 of 60
Reg.
Addr.
(Hex) Bit(s) Name
Description
08
<5:2> PLL Mux Control
<5>
<4>
<3>
<2>
MUXOUT—Signal on STATUS Pin
0
0
0
0
Off (Signal Goes Low) (Default)
0
0
0
1
Digital Lock Detect (Active High)
0
0
1
0
N Divider Output
0
0
1
1
Digital Lock Detect (Active Low)
0
1
0
0
R Divider Output
0
1
0
1
Analog Lock Detect (N Channel, Open-Drain)
0
1
1
0
A Counter Output
0
1
1
1
Prescaler Output (NCLK)
1
0
0
0
PFD Up Pulse
1
0
0
1
PFD Down Pulse
1
0
1
0
Loss-of-Reference (Active High)
1
0
1
1
Tri-State
1
1
0
0
Analog Lock Detect (P Channel, Open-Drain)
1
1
0
1
Loss-of-Reference or Loss-of-Lock (Inverse of DLD) (Active High)
1
1
1
0
Loss-of-Reference or Loss-of-Lock (Inverse of DLD) (Active Low)
1
1
1
1
Loss-of-Reference (Active Low)
MUXOUT is the PLL portion of the STATUS output MUX
08
<6>
Phase-Frequency
Detector (PFD)
Polarity
0 = Negative (Default), 1 = Positive
08
<7>
Not Used
09
<0>
Reset All Counters
0 = Normal (Default), 1 = Reset R, A, and B Counters
09
<1>
N-Counter Reset
0 = Normal (Default), 1 = Reset A and B Counters
09
<2>
R-Counter Reset
0 = Normal (Default), 1 = Reset R Counter
09
<3>
Not Used
09
<6:4> Charge Pump (CP)
Current Setting
<6>
<5>
<4>
ICP (mA)
0
0
0
0.60
0
0
1
1.2
0
1
0
1.8
0
1
1
2.4
1
0
0
3.0
1
0
1
3.6
1
1
0
4.2
1
1
1
4.8
Default = 000b
These currents assume: CPRSET = 5.1 kΩ
Actual current can be calculated by: CP_lsb = 3.06/CPRSET
09
<7>
Not Used
0A
<1:0> PLL Power-Down
01 = Asynchronous Power-Down (Default)
<1>
<0>
Mode
0
0
Normal Operation
0
1
Asynchronous Power-Down
1
0
Normal Operation
1
1
Synchronous Power-Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com