Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9510/PCB Datasheet(PDF) 54 Page - Analog Devices

Part # AD9510/PCB
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510/PCB Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9510/PCB Datasheet HTML 50Page - Analog Devices AD9510/PCB Datasheet HTML 51Page - Analog Devices AD9510/PCB Datasheet HTML 52Page - Analog Devices AD9510/PCB Datasheet HTML 53Page - Analog Devices AD9510/PCB Datasheet HTML 54Page - Analog Devices AD9510/PCB Datasheet HTML 55Page - Analog Devices AD9510/PCB Datasheet HTML 56Page - Analog Devices AD9510/PCB Datasheet HTML 57Page - Analog Devices AD9510/PCB Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
AD9510
Rev. A | Page 54 of 60
Reg.
Addr.
(Hex) Bit(s) Name
Description
45
<0>
Clock Select
0: CLK2 Drives Distribution Section
1: CLK1 Drives Distribution Section (Default)
45
<1>
CLK1 Power-Down 1 = CLK1 Input Is Powered Down (Default = 0b)
45
<2>
CLK2 Power-Down 1 = CLK2 Input Is Powered Down (Default = 0b)
45
<3>
Prescaler Clock
Power-Down
1 = Shut Down Clock Signal to PLL Prescaler (Default = 0b)
45
<4>
REFIN Power-Down 1 = Power-Down REFIN (Default = 0b)
45
<5>
All Clock Inputs
Power-Down
1 = Power-Down CLK1 and CLK2 Inputs and Associated Bias and Internal Clock Tree;
(Default = 0b)
45
<7:6>
Not Used
46
<7:0>
Not Used
47
<7:0>
Not Used
<3:0> Divider High
Number of Clock Cycles Divider Output Stays High
48
OUT0
(4A)
(OUT1)
(4C)
(OUT2)
(4E)
(OUT3)
(50)
(OUT4)
(52)
(OUT5)
(54)
(OUT6)
(56)
(OUT7)
<7:4> Divider Low
Number of Clock Cycles Divider Output Stays Low
48
OUT0
(4A)
(OUT1)
(4C)
(OUT2)
(4E)
(OUT3)
(50)
(OUT4)
(52)
(OUT5)
(54)
(OUT6)
(56)
(OUT7)
<3:0> Phase Offset
Phase Offset (Default = 0000b)
49
OUT0
(4B)
(OUT1)
(4D)
(OUT2)
(4F)
(OUT3)
(51)
(OUT4)
(53)
(OUT5)
(55)
(OUT6)
(57)
(OUT7)
<4>
Start
Selects Start High or Start Low
(Default = 0b)
49
OUT0
(4B)
(OUT1)
(4D)
(OUT2)
(4F)
(OUT3)
(51)
(OUT4)
(53)
(OUT5)
(55)
(OUT6)
(57)
(OUT7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com