Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9513/PCB
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9513/PCB Datasheet HTML 11Page - Analog Devices AD9513/PCB Datasheet HTML 12Page - Analog Devices AD9513/PCB Datasheet HTML 13Page - Analog Devices AD9513/PCB Datasheet HTML 14Page - Analog Devices AD9513/PCB Datasheet HTML 15Page - Analog Devices AD9513/PCB Datasheet HTML 16Page - Analog Devices AD9513/PCB Datasheet HTML 17Page - Analog Devices AD9513/PCB Datasheet HTML 18Page - Analog Devices AD9513/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD9513
Rev. 0 | Page 15 of 28
VERT 100mV/DIV
HORIZ 500ps/DIV
Figure 10. LVDS Differential Output @ 800 MHz
VERT 500mV/DIV
HORIZ 1ns/DIV
Figure 11. CMOS Single-Ended Output @ 250 MHz with 10 pF Load
OUTPUT FREQUENCY (MHz)
100
900
700
500
300
500
750
700
650
600
550
Figure 12. LVDS Differential Output Swing vs. Frequency
OUTPUT FREQUENCY (MHz)
06
500
400
300
200
100
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
2pF
10pF
20pF
00
Figure 13. CMOS Single-Ended Output Swing vs. Frequency and Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com