Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513/PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9513/PCB
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513/PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9513/PCB Datasheet HTML 13Page - Analog Devices AD9513/PCB Datasheet HTML 14Page - Analog Devices AD9513/PCB Datasheet HTML 15Page - Analog Devices AD9513/PCB Datasheet HTML 16Page - Analog Devices AD9513/PCB Datasheet HTML 17Page - Analog Devices AD9513/PCB Datasheet HTML 18Page - Analog Devices AD9513/PCB Datasheet HTML 19Page - Analog Devices AD9513/PCB Datasheet HTML 20Page - Analog Devices AD9513/PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD9513
Rev. 0 | Page 17 of 28
FUNCTIONAL DESCRIPTION
OVERALL
The AD9513 provides for the distribution of its input clock on
up to three outputs. Each output can be set to either LVDS or
CMOS logic levels. Each output has its own divider that can be
set for a divide ratio selected from a list of integer values from
1 (bypassed) to 32.
OUT2 includes an analog delay block that can be set to add an
additional delay of 1.8 ns, 6.0 ns, or 11.6 ns full scale, each with
16 levels of fine adjustment.
CLK, CLKB—DIFFERENTIAL CLOCK INPUT
The CLK and CLKB pins are differential clock input pins.
This input works up to 1600 MHz. The jitter performance is
degraded by a slew rate below 1 V/ns. The input level should be
between approximately 150 mV p-p to no more than 2 V p-p.
Anything greater can result in turning on the protection diodes
on the input pins.
See Figure 18 for the CLK equivalent input circuit. This input
is fully differential and self-biased. The signal should be ac-
coupled using capacitors. If a single-ended input must be used,
this can be accommodated by ac coupling to one side of the
differential input only. The other side of the input should be
bypassed to a quiet ac ground by a capacitor.
2.5kΩ
5kΩ
5kΩ
2.5kΩ
CLKB
CLK
VS
CLOCK INPUT
STAGE
Figure 18. Clock Input Equivalent Circuit
SYNCHRONIZATION
Power-On SYNC
A power-on sync (POS) is issued when the VS power supply is
turned on to ensure that the outputs start in synchronization.
The power-on sync works only if the VS power supply transi-
tions the region from 2.2 V to 3.1 V within 35 ms. The POS can
occur up to 65 ms after VS crosses 2.2 V. Only outputs which are
not divide = 1 are synchronized.
CLK
OUT
0V
3.3V
2.2V
3.1V
VS
CLOCK FREQUENCY
IS EXAMPLE ONLY
DIVIDE = 2
PHASE = 0
< 65ms
INTERNAL SYNC NODE
35ms
MAX
Figure 19. Power-On Sync Timing
SYNCB
If the setup configuration of the AD9513 is changed during
operation, the outputs can become unsynchronized. The
outputs can be resynchronized to each other at any time.
Synchronization occurs when the SYNCB pin is pulled low and
released. The clock outputs (except where divide = 1) are forced
into a fixed state (determined by the divide and phase settings)
and held there in a static condition, until the SYNCB pin is
returned to high. Upon release of the SYNCB pin, after four
cycles of the clock signal at CLK, all outputs continue clocking
in synchronicity (except where divide = 1).
When divide = 1 for an output, that output is not affected by
SYNCB.
CLK
SYNCB
OUT
3 CLK CYCLES
4 CLK CYCLES
EXAMPLE: DIVIDE ≥ 8
PHASE = 0
EXAMPLE DIVIDE
RATIO PHASE = 0
Figure 20. SYNCB Timing with Clock Present
4 CLK CYCLES
CLK
OUT
SYNCB
DEPENDS ON PREVIOUS STATE AND DIVIDE RATIO
§§
§
§
DEPENDS ON PREVIOUS STATE
EXAMPLE DIVIDE
RATIO PHASE = 0
MIN 5ns
Figure 21. SYNCB Timing with No Clock Present
The outputs of the AD9513 can be synchronized by using the
SYNCB pin. Synchronization aligns the phases of the clock
outputs, respecting any phase offset that has been set on an
output’s divider.
SYNCB
Figure 22. SYNCB Equivalent Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com