Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9880 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9880
Description  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9880 Datasheet HTML 17Page - Analog Devices AD9880 Datasheet HTML 18Page - Analog Devices AD9880 Datasheet HTML 19Page - Analog Devices AD9880 Datasheet HTML 20Page - Analog Devices AD9880 Datasheet HTML 21Page - Analog Devices AD9880 Datasheet HTML 22Page - Analog Devices AD9880 Datasheet HTML 23Page - Analog Devices AD9880 Datasheet HTML 24Page - Analog Devices AD9880 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
AD9880
Rev. 0 | Page 21 of 64
A programming example and register settings for several
common conversions are listed in the Color Space Converter
(CSC) Common Settings.
For a detailed functional description and more programming
examples, please refer to the application note AN-795, AD9880
Color space Converter User's Guide.
AUDIO PLL SETUP
Data contained in the Audio Infoframes among other registers
define for the AD9880 HDMI receiver not only the type of
audio, but the sample frequency. It also contains information
about the N and CTS values used to recreate the clock. With
this information it is possible to regenerate the audio sampling
frequency. The audio clock is regenerated by dividing the 20-bit
CTS value into the TMDS clock, then multiplying by the 20-bit
N value. This yields a multiple of the fs (sampling frequency) of
either 128 × fs or 256 × fs. It is possible for this to be specified
up to 1024 × fs.
SINK DEVICE
SOURCE DEVICE
1N AND CTS VALUES ARE TRANSMITTED USING THE
"AUDIO CLOCK REGENERATION" PACKET. VIDEO
CLOCK IS TRANSMITTED ON TMDS CLOCK CHANNEL.
128
× f
S
N
VIDEO
CLOCK
128
× f
S
TMDS
CLOCK
N1
CTS1
DIVIDE
BY
N
CYCLE
TIME
COUNTER
REGISTER
N
DIVIDE
BY
CTS
MUTIPLY
BY
N
Figure 14. N and CTS for Audio Clock
AUDIO BOARD LEVEL MUTING
The audio can be muted through the Infoframes or locally via
the serial bus registers. This can be controlled with
Register R0x57, Bits [7:4].
AVI Infoframes
Contained within the HDMI TMDS transmission are
Infoframes containing specific information for the monitor
such as
•
Audio information
o
2 to 8 channels of audio identified
o
Audio coding
o
Audio sampling frequency
•
Speaker placement
•
N and CTS values (for reconstruction of the audio)
•
Muting
•
Source information
o
CD
o
SACD
o
DVD
•
Video information
o
Video ID Code (per CEA861B)
o
Color space
o
Aspect ratio
o
Horizontal and vertical bar information
o
MPEG frame information (I, B, or P frame)
•
Vendor (transmitter source) information
o
Vendor name and product model
This information is the fundamental difference between DVI
and HDMI transmissions and is located in read-only registers
R0x5A to R0xEE. In addition to this information, registers are
provided that indicate that new information has been received.
Registers with addresses ending in 0xX7 or 0xXF beginning at
R0x87 contain the new data flags (NDF) information. All of
these registers contain the same information and all are reset
once any of them are read. Although there is no external
interrupt signal, it is very straightforward for the user to read
any of these registers and see if there is new information to be
processed.
TIMING DIAGRAMS
The following timing diagrams show the operation of the
AD9880.The output data clock signal is created so that its rising
edge always occurs between data transitions and can be used to
latch the output data externally. There is a pipeline in the
AD9880, which must be flushed before valid data becomes
available. This means six data sets are presented before valid
data is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com