Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9882A Datasheet(PDF) 21 Page - Analog Devices

Part # AD9882A
Description  Dual Interface for Flat Panel Displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9882A Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9882A Datasheet HTML 17Page - Analog Devices AD9882A Datasheet HTML 18Page - Analog Devices AD9882A Datasheet HTML 19Page - Analog Devices AD9882A Datasheet HTML 20Page - Analog Devices AD9882A Datasheet HTML 21Page - Analog Devices AD9882A Datasheet HTML 22Page - Analog Devices AD9882A Datasheet HTML 23Page - Analog Devices AD9882A Datasheet HTML 24Page - Analog Devices AD9882A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD9882A
Rev. 0 | Page 21 of 40
the confidentiality of the HDCP keys as required by the
HDCP v. 1.0 specification. The AD9882A includes hardware
for decrypting the keys in the external EEPROM.
ADI provides a royalty-free license for the proprietary software
needed by customers to encrypt the keys between the AD9882A
and the EEPROM only after customers provide evidence of a
completed HDCP adopter’s license agreement and sign ADI’s
software license agreement. The adopter’s license agreement is
maintained by Digital Content Protection, LLC, and can be
downloaded from www.digital-cp.com. To obtain ADI’s
software license agreement, contact the Display Electronics
Product Line directly by sending an email to
flatpanel_apps@analog.com.
DDC CLOCK
DVI
CONNECTOR
DDC DATA
DVI-VCC
SCL
SDA
EEPROM
3.3V
5k
Ω PULL-UP
RESISTORS
150
Ω SERIES
RESISTOR
10k
Ω
PULL-UP RESISTOR
DDC SCL
DDC SDA
AD9882A
MCL
MDA
3.3V
S
D
3.3V
5k
Ω PULL-UP
RESISTORS
Figure 12. HDCP Implementation Using the AD9882A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com