Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZRL Datasheet(PDF) 61 Page - Analog Devices

Part # AD9927BBCZRL
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZRL Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9927BBCZRL Datasheet HTML 57Page - Analog Devices AD9927BBCZRL Datasheet HTML 58Page - Analog Devices AD9927BBCZRL Datasheet HTML 59Page - Analog Devices AD9927BBCZRL Datasheet HTML 60Page - Analog Devices AD9927BBCZRL Datasheet HTML 61Page - Analog Devices AD9927BBCZRL Datasheet HTML 62Page - Analog Devices AD9927BBCZRL Datasheet HTML 63Page - Analog Devices AD9927BBCZRL Datasheet HTML 64Page - Analog Devices AD9927BBCZRL Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 100 page
background image
AD9927
Rev. 0 | Page 61 of 100
Single-Field Toggles
Single-field toggles occur in the next field only. There can be up to
four toggles in the field. The mode is set with GP_PROTOCOL
equal to 1, and then the toggles are triggered in the next field by
writing to the MANUAL_TRIG register (0x70 [13:6]). In this
mode, the field toggle settings must be set to a value of 1. Two
consecutive fields do not have activity. If toggles are required to
repeat in the next field, the MANUAL_TRIG register can be
written to in consecutive fields.
Preparation
The GP toggle positions can be programmed any time prior to
use. For example,
0x7A
0x000A001
0x7B
0x0002000
0x7C
0x000000F
0x7D
0x00C4002
0x7E
0x0004000
0x7F
0x00000B3
Details
A) Field 0:
0x70
0x0000040
0x73
0x0000001
B) Field 1:
0x73
0x0000000
VD
1
REGISTER WRITE
AB
GP1_PROTOCOL 0
1
0
GPO1
NOTES
1. THE FIELD TOGGLE POSITION MUST BE SET TO 1 WHEN
GP PROTOCOL IS 1.
CAUTION! THE GP_PROTOCOL MUST BE RESET BEFORE
USING AGAIN.
Figure 72. Single-Field Toggles Using GP_PROTOCOL = 1
Scheduled Toggles
Scheduled toggles are programmed to occur during any
upcoming field. For example, there can be one toggle in Field 1,
two toggles in Field 3, and a last toggle in Field 4. The mode is
set with GP_PROTOCOL = 2 or GP_PROTOCOL = 3. Mode 2
tells the GPO to obey the primary field counter, and Mode 3
tells the GPO to obey the secondary field counter.
Preparation
The GP toggle positions can be programmed any time prior to
use. For example,
0x7A
0x00C4002
0x7B
0x0004000
0x7C
0x00000B3
Details
A) Field 0:
0x70
0x0000008
0x73
0x0000003
VD
1
2
REGISTER WRITE
A
GP1_PROTOCOL 0
SECONDARY
COUNT
01
3
20
GPO1
CAUTION! THE PRIMARY COUNTER REGULATES THE SUBCK
AND VSG ACTIVITY. LINK A GPO TO THE PRIMARY COUNTER
ONLY IF IT IS TO HAPPEN DURING EXPOSURE/READ.
(IDLE)
Figure 73. Scheduled Toggles Using GP_PROTOCOL = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com