Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZRL Datasheet(PDF) 87 Page - Analog Devices

Part # AD9927BBCZRL
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZRL Datasheet(HTML) 87 Page - Analog Devices

Back Button AD9927BBCZRL Datasheet HTML 83Page - Analog Devices AD9927BBCZRL Datasheet HTML 84Page - Analog Devices AD9927BBCZRL Datasheet HTML 85Page - Analog Devices AD9927BBCZRL Datasheet HTML 86Page - Analog Devices AD9927BBCZRL Datasheet HTML 87Page - Analog Devices AD9927BBCZRL Datasheet HTML 88Page - Analog Devices AD9927BBCZRL Datasheet HTML 89Page - Analog Devices AD9927BBCZRL Datasheet HTML 90Page - Analog Devices AD9927BBCZRL Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
AD9927
Rev. 0 | Page 87 of 100
Address
Data
Bits
Default
Value
Update
Type
Name
Description
24
[0]
0
SCK
SEL_VCO
1: internal CP clock select VCO.
[1]
1
SEL_DIV
1: internal CP clock select divided-down version of CLI (default).
[2]
0
SEL_CLI
1: internal CP clock select CLI.
[3]
0
O31V
1: CP output voltage is 3.1 V.
[4]
0
O32V
1: CP output voltage is 3.2 V.
[5]
1
O33V
1: CP output voltage is 3.3 V.
[6]
0
O34V
1: CP output voltage is 3.4 V.
[7]
1
TEST
Test use only. Use default values only.
[8]
1
TEST
Test use only. Use default values only.
[9]
1
TEST
Test use only. Use default values only.
[10]
1
TEST
Test use only. Use default values only.
[11]
0
TEST
Test use only. Use default values only.
[12]
0
TEST
Test use only. Use default values only.
[13]
0
TEST
Test use only. Use default values only.
[14]
1
CP_PDN
Charge pump power-down. 1: power-down; 0: CP is running.
25
[24:0]
0
SCK
VT_STBY12
[23:0] Standby1 and Standby2 polarity for XV[23:0].
[24] Standby1 and Standby2 polarity for XSUBCK.
Settings also apply when OUTCONTROL = low.
26
[24:0]
0
SCK
VT_STBY3
[23:0] Standby3 polarity for XV [23:0].
[24] Standby3 polarity for XSUBCK.
27
[7:0]
0
SCK
GP_STDBY12
Standby1 and Standby2 polarity for GPO [7:0].
Settings also apply when OUTCONTROL = low.
[15:8]
GP_STDBY3
Standby3 polarity for GPO [7:0].
Table 52. Memory Configuration and MODE Registers
Address
Data Bits
Default Value
Update Type
Name
Description
28
[4:0]
0
SCK
VPATNUM
Total number of V-pattern groups.
[9:5]
0
SEQNUM
Total number of V-sequences.
2A
[2:0]
0
SCK
MODE
Total number of fields in MODE.
2B
[4:0]
0
SCK
FIELD0
Selected first field in MODE.
[9:5]
0
FIELD1
Selected second field in MODE.
[14:10]
0
FIELD2
Selected third field in MODE.
[19:15]
0
FIELD3
Selected fourth field in MODE.
[24:20]
0
FIELD4
Selected fifth field in MODE.
2C
[4:0]
0
SCK
FIELD5
Selected sixth field in MODE.
[9:5]
0
FIELD6
Selected seventh field in MODE.
Table 53. Timing Core Registers
Address
Data
Bits
Default
Value
Update
Type
Name
Description
30
[5:0]
0
SCK
H1POSLOC
H1 rising edge location.
[13:8]
20
H1NEGLOC
H1 falling edge location.
[16]
1
H1POL
H1 polarity control. 0: inverse of Figure 20; 1: no inversion.
31
[5:0]
0
SCK
H2POSLOC
H2 rising edge location (H5 in HCLK Mode 3).
[13:8]
20
H2NEGLOC
H2 falling edge location (H5 in HCLK Mode 3).
[16]
1
H2POL
H2 polarity (H5 in HCLK Mode 3). 0: inverse of Figure 20; 1: no inversion.
32
[5:0]
0
SCK
HLPOSLOC
HL rising edge location.
[13:8]
20
HLNEGLOC
HL falling edge location.
[16]
1
HLPOL
HL polarity control. 0: inverse of Figure 20; 1: no inversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com