Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9942BBCZRL Datasheet(PDF) 7 Page - Analog Devices

Part # AD9942BBCZRL
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZRL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9942BBCZRL Datasheet HTML 3Page - Analog Devices AD9942BBCZRL Datasheet HTML 4Page - Analog Devices AD9942BBCZRL Datasheet HTML 5Page - Analog Devices AD9942BBCZRL Datasheet HTML 6Page - Analog Devices AD9942BBCZRL Datasheet HTML 7Page - Analog Devices AD9942BBCZRL Datasheet HTML 8Page - Analog Devices AD9942BBCZRL Datasheet HTML 9Page - Analog Devices AD9942BBCZRL Datasheet HTML 10Page - Analog Devices AD9942BBCZRL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD9942
Rev. A | Page 7 of 36
TIMING SPECIFICATIONS
CL = 20 pF, fCLI = 40 MHz, serial timing in Figure 14 and Figure 15, unless otherwise noted. X = A, B.
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
MASTER CLOCK (CLI_X) (See Figure 16)
CLI_X Clock Period
25.0
ns
CLI_X High/Low Pulse Width
tADC
10.0
12.5
15.0
ns
Delay from CLI_X to Internal Pixel Period Position (See Figure 16)
tCLIDLY
6
ns
CLPOB_X PULSE WIDTH (Programmable)1
tCOB
2
20
Pixels
SAMPLE CLOCKS (See Figure 17)
SHP_X Rising Edge to SHD_X Rising Edge
tS1
11.2
12.5
ns
DATA OUTPUTS (See Figure 19 and Figure 20)
Output Delay from Programmed Edge
tOD
6
ns
Pipeline Delay
11
Cycles
SERIAL INTERFACE
Maximum SCK_X Frequency
fSCLK
10
MHz
SL_X to SCK_X Setup Time
tLS
10
ns
SCK to SL_X Hold Time
tLH
10
ns
SDATA_X Valid to SCK_X Rising Edge Setup
tDS
10
ns
SCK_X Falling Edge to SDATA_X Valid Hold
tDH
10
ns
SCK_X Falling Edge to SDATA_X Valid Read
tDV
10
ns
1 Minimum CLPOB pulse width is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com