Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9942BBCZRL Datasheet(PDF) 16 Page - Analog Devices

Part # AD9942BBCZRL
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZRL Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9942BBCZRL Datasheet HTML 12Page - Analog Devices AD9942BBCZRL Datasheet HTML 13Page - Analog Devices AD9942BBCZRL Datasheet HTML 14Page - Analog Devices AD9942BBCZRL Datasheet HTML 15Page - Analog Devices AD9942BBCZRL Datasheet HTML 16Page - Analog Devices AD9942BBCZRL Datasheet HTML 17Page - Analog Devices AD9942BBCZRL Datasheet HTML 18Page - Analog Devices AD9942BBCZRL Datasheet HTML 19Page - Analog Devices AD9942BBCZRL Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD9942
Rev. A | Page 16 of 36
COMPLETE REGISTER LISTING
In Table 8 through Table 16, note the following:
•
All addresses and default values are expressed in hexadecimal format.
•
All registers are VD_X/HD_X updated as shown in Figure 14, except for the registers indicated in Table 8, which are SL_X updated.
•
Each channel is programmed independently using the 5-wire serial interface. Both channels can be programmed with the same
register values by tying the SL_A and SL_B signals together and the SDATA_A and SDATA_B signals together.
Table 8. Updated Registers upon Rising Edge of SL_X
Register
Description
OPRMODE
AFE operation modes
CTLMODE
AFE control modes
SW_RESET
Software reset bit
TGCORE _RSTB
Reset bar signal for internal TG core
PREVENTUPDATE
Prevents update of registers
VDHDEDGE
VD/HD active edge
FIELDVAL
Resets internal field pulse
HBLKRETIME
Retimes the HBLK to internal clock
H1CONTROL
H1 polarity control
RGCONTROL
RG signal control polarity
DRVCONTROL
Drive-strength control
SAMPCONTROL
SHP/SHD sample control
DOUTPHASE
DOUT phase control
Table 9. CHN_A and CHN_B AFE Register Map
Address
Data Bit Content
Default (Hex)
Name
Description
00
[11:0]
4
OPRMODE
AFE operation modes (see Table 15).
01
[9:0]
0
TESTMODE
Internal test mode. Should always be set = 0.
02
[7:0]
80
CLAMP LEVEL
CLPOB level.
03
[11:0]
4
CTLMODE
AFE control modes (see Table 16).
04
[17:0]
0
TESTMODE
Test operation only. Set = 0.
05
[17:0]
0
TESTMODE
Test operation only. Set = 0.
Table 10. CHN_A and CHN_B Miscellaneous Register Map
Address
Data Bit Content
Default (Hex)
Name
Description
10
[0]
0
SW_RST
Software reset.1 = reset all registers to default, then self-clear back to 0.
11
[0]
0
OUT_CONTROL
Output control. 0 = make all dc outputs inactive.
12
[0]
0
TGCORE_RSTB
Timing core reset bar. 0 = reset TG core; 1 = resume operation.
13
[11:0]
0
UPDATE
Serial update. Sets the line (HD) within the field to update serial data.
14
[0]
0
PREVENTUPDA
TE
Prevents the update of the VD-updated registers. 1 = prevent update.
15
[0]
0
VDHDEDGE
VD/HD active edge.
0 = falling edge triggered; 1 = rising edge triggered.
16
[1:0]
0
FIELDVAL
Field value sync.
0 = next field 0; 1 = next field 1; 2/3 = next field 2.
17
[0]
0
HBLKRETIME
Retime HBLK to internal H1 clock. Preferred setting is 1. Setting to 1 adds
one cycle delay to HBLK toggle positions.
18
[1:0]
0
TEST MODE
Internal test mode. Should always be set = 0.
19
[0]
0
TEST MODE
Internal test mode. Should always be set = 0.
1A
[0]
0
TEST MODE
Internal test mode. Should always be set = 0.
E8
[2:0]
TEST MODE
Internal test mode. Should always be set = 0.
[11:3]
0
VGAGAIN
VGA gain control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com